Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL6331 Datasheet(PDF) 33 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 29Page - Analog Devices ADL6331 Datasheet HTML 30Page - Analog Devices ADL6331 Datasheet HTML 31Page - Analog Devices ADL6331 Datasheet HTML 32Page - Analog Devices ADL6331 Datasheet HTML 33Page - Analog Devices ADL6331 Datasheet HTML 34Page - Analog Devices ADL6331 Datasheet HTML 35Page - Analog Devices ADL6331 Datasheet HTML 36Page - Analog Devices ADL6331 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Data Sheet
ADL6331
SERIAL PORT INTERFACE (SPI)
analog.com
Rev. B | 33 of 54
The SPI of the ADL6331 allows the user to configure the device for
specific functions or operations via 3- or 4-wire SPI mode. This seri-
al port interface consists of four control lines: SCLK, SDIO, SDO,
and CSB for 4-wire SPI mode. SCLK, SDIO, and CSB are used for
3-wire SPI mode, which is the default state for the SPI mode. To
enable 4-wire SPI mode, SDOACTIVE[3] and SDOACTIVE_[4] in
Register 0x000 should be set to 1. The timing requirements for the
SPI port are shown in Table 3.
The ADL6331 protocol consists of a read/write bit, four chip ad-
dress bits (MSB is always 0), and nine register address bits,
followed by eight data bits. Both the address and data fields are
organized with the MSB first and end with the LSB by default.
To address the device correctly, the chip address prefix bits must
match the externally configured chip address Pin CA2, Pin CA1,
and Pin CA0.
The ADL6331 input logic levels to write to the SPI are 1.8 V or 3.3
V.
On a readback cycle, the SDO is configurable for either
1.8 V (default) or 3.3 V readback output levels by setting
SPI_1P8_3P3_CTRL bit (Register 0x121, Bit 4).
CONFIGURING MULTIPLE CHIPS TO SHARE
THE SPI BUS
Up to eight ADL6331 devices can be addressed with the same 3-
or 4-wire SPI by using a single CSB line for all devices. For this
capability, the chip address pins (Pin CA2, Pin CA1, and Pin CA0)
of the ADL6331 are used to identify the chip with the SPI write chip
address prefix (see the SPI interface port as shown in Figure 2).
The ADL6331 ignores any writes to addresses where the four
MSBs are not equal to the chip address as set by the chip address
pins, and the device only accepts access for addresses where the
four MSB chip address prefix bits are equal to the chip address
pins. The only exception is the software reset in the address 0x000.
All ADL6331 chips on the shared bus accept 0x81 software reset in
0x000 register from the SPI host controller.
Figure 94 shows how to configure the chip address Pin CA2, Pin
CA1, and Pin CA0 with the associated chip address prefix bits.
Figure 94. Multiple Chip Configuration to Share SPI Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com