Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6728
Description  Single phase PWM controller with PowerGOOD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6728 Datasheet HTML 8Page - STMicroelectronics L6728 Datasheet HTML 9Page - STMicroelectronics L6728 Datasheet HTML 10Page - STMicroelectronics L6728 Datasheet HTML 11Page - STMicroelectronics L6728 Datasheet HTML 12Page - STMicroelectronics L6728 Datasheet HTML 13Page - STMicroelectronics L6728 Datasheet HTML 14Page - STMicroelectronics L6728 Datasheet HTML 15Page - STMicroelectronics L6728 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Over current protection
L6728
12/32
8
Over current protection
The over current function protects the converter from a shorted output or overload, by
sensing the output current information across the Low Side MOSFET drain-source on-
resistance, RdsON. This method reduces cost and enhances converter efficiency by avoiding
the use of expensive and space-consuming sense resistors.
The low side RdsON current sense is implemented by comparing the voltage at the PHASE
node when LS MOSFET is turned on with the programmed OCP thresholds voltages,
internally held. If the monitored voltage is bigger than these thresholds, an Over Current
Event is detected.
For maximum safety and load protection, L6728 implements a Dual Level Over Current
Protection System:
●
1st level threshold: it is the user externally set threshold. If the monitored voltage on
PHASE exceeds this threshold, a 1st level over current is detected. If four 1st level OC
events are detected in four consecutive switching cycles, Over Current Protection will
be triggered.
●
2nd level threshold: it is an internal threshold whose value is equal to 1st level
threshold multiplied by a factor 1.5. If the monitored voltage on PHASE exceeds this
threshold, Over Current Protection will be triggered immediately.
When Over Current Protection is triggered, the device turns off both LS and HS MOSFETs
in a latched condition.
To recover from over current protection triggered condition, VCC power supply must be
cycled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com