Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC40F Datasheet(PDF) 19 Page - International Rectifier

Part # IRG4PC40F
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40F Datasheet(HTML) 19 Page - International Rectifier

Back Button IRG4PC40F Datasheet HTML 15Page - International Rectifier IRG4PC40F Datasheet HTML 16Page - International Rectifier IRG4PC40F Datasheet HTML 17Page - International Rectifier IRG4PC40F Datasheet HTML 18Page - International Rectifier IRG4PC40F Datasheet HTML 19Page - International Rectifier IRG4PC40F Datasheet HTML 20Page - International Rectifier IRG4PC40F Datasheet HTML 21Page - International Rectifier IRG4PC40F Datasheet HTML 22Page - International Rectifier IRG4PC40F Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TEMPERATURE CYCLING (T/C) Unbiased
T0220 Package
Temperatre Cycle:
Tmin = - 55°C, Tmax = + 150°C
Cycle Time
25 minutes
Bias
None
N Channel
LOW / MID / HIGH FREQUENCY
DEVICE
DATE
QTY ACTUAL
FAILURES
TYPE
CODE
CYCLES
#
MODE
(note b)
IRGBC20S
9544
20
2062 0
IRGBC40S
9606
20
2008 0
IRGBC30S
9643
20
2017 0
IRGBC30F
9537
20
2008 0
IRGBF30F
9613
20
2032 0
IRGBC20K
9613
20
2032 0
IRGBC30U
9605
20
2008 0
IRG4BC30U
9614
20
2015 0
IRGB440U
9643
20
2107 0
IRGBC30FD2
9640
20
2077 0
IRGBC30FD2
9643
20
2043 0
TOTALS
220
22409 0
NOTES
b.
FAILURE MODES:
IGBT / CoPack
Quarterly Reliability Report
Page 19 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com