Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3AT Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 3AT
Description  SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

3AT Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  3AT Datasheet HTML 1Page - Sensata Technologies, Inc. 3AT Datasheet HTML 2Page - Sensata Technologies, Inc. 3AT Datasheet HTML 3Page - Sensata Technologies, Inc. 3AT Datasheet HTML 4Page - Sensata Technologies, Inc. 3AT Datasheet HTML 5Page - Sensata Technologies, Inc. 3AT Datasheet HTML 6Page - Sensata Technologies, Inc. 3AT Datasheet HTML 7Page - Sensata Technologies, Inc. 3AT Datasheet HTML 8Page - Sensata Technologies, Inc. 3AT Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Page 2
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
SPECIFICATIONS
AT
3AT
4AT
10AT
Device Type
Standard
High Temperature
Low Temperature
High Amperage
Maximum Actuating Force (STP)
20 oz
20 oz
28 oz
30 oz
Minimum Release Force (STP)
4 oz
4 oz
1 oz
1 oz
Maximum Pretravel
0.009”
0.009”
0.009”
0.009”
Maximum Movement Differential
0.003”
0.003”
0.003”
0.003”
Minimum Overtravel
0.002”
0.002”
0.002”
0.002”
Overtravel Stop
No
No
No
No
Maximum Force on Actuator
5 lb
5 lb
5 lb
5 lb
Current Ratings
in Amps
(28VDC)
Resistance
3
1
1
3
4
Inductive
1
½
½
1
1
Lamp
1
½
½
1
2
Minimum Life @ Rated Load
25K
50K
25K
25K
25K
Minimum Mechanical Life Cycles
100K
100K
50K
50K
Ambient Temperature Range
-65°F to 275°F
(-53.8°C to 135°C)
-65°F to 450°F
(-53.8°C to 232.2°C)
-275°F to 275°F
(-170.5°C to 135°C)
-85°F to 275°F
(-65°C to 135°C)
Dielectric Strength
Terminal to Case Terminal to Terminal
1000 VRMS
800 VRMS
500 VRMS
500 VRMS
1000 VRMS
800 VRMS
1000 VRMS
800 VRMS
Max Leakage
1 x 10-8 Std. cc He/Sec @ 1 atmosphere differential
Shock Resistance
200G, 6 ms sawtooth
Vibration Resistance
65G, 10-2000Hz, .5DA or 65GTMS
Insulation Resistance @ 500VDC
100 Megohms
Voltage Drop @ 1 amp
0.04
0.12
0.04
0.04
SEAL (MIL-S-8805)
Design Enclosure 5
Backfill
Dry nitrogen with 10% helium
Performance & Actuation Characteristics Chart
NOTE FOR DRAWINGS
Technical Terms
1. Because of restricted space we can only show a small percentage of our switch packages and dimensional drawings. Please contact the factory if
you do not see the solution you need, or if you require more detailed envelope drawings.
2. Unless otherwise noted, standard leads are AWG #20 per MIL-W-22759/9.
3. All exposed materials on packaged designs are corrosion resistant steel with the exception of the side plates on Style 7 switches which are
anodized aluminum alloy.
4. All hardware provided is corrosion resistant steel.
Electrical Life
The minimum number of cycles allowable for a switch under a specified combination of electrical load, actuation and environmental criteria. Usually
specified for the maximum current and temperature rating of the switch.
Mechanical Life
The minimum number of cycles allowable for a switch with no electrical load, and a specified combination of actuation and environmental criteria.
Contact Erosion
A general loss of material from one or both surfaces of a pair of mating contacts. This is as a result of switching electrical loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com