Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM200 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # SIM200
Description  Active Insulation Monitoring Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM200 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  SIM200 Datasheet HTML 1Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 2Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 3Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 4Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 5Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 6Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 7Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 8Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SIM200™
Parameter
Min Typical Max
Unit
Conditions / Comments
Power and General Characteristics
Operational Supply voltage
9
12-24
30
V
Operational supply current
-
60
28
-
mA
12 V supply
24 V supply
Operating temperature range
-40
-
+85
°C
Input Impedance Rin
-
2720
2720
1000
272
-
kΩ
xNx
xKx
xPx
xQx
Input impedance varies based on the device voltage
configuration (hardware configured).
The input impedance of the monitor is the parallel
impedance imposed by the SIM200 between each
rail and the chassis.
See “Ordering Options” for more information.
Isolation Monitoring Function
Time to initial isolation estimate
-
4.5
5.5
Seconds
Response time to warning condition
4.3
-
5
Seconds
Applies to the detection of warning (500 Ω/V)
condition from a stable initial state under typical
operating conditions.
Response time to fault condition
-
5.3
5.8
Seconds
Applies to the detection of fault (100 Ω/V) condition
from a stable initial state under typical operating
conditions.
Response time to short condition
-
-
6.5
Seconds
Time needed to confirm short condition, for
equivalent resistances for each variant see
“Reporting of Short Condition”.
Application Voltage Range (Vb)
1000
600
300
60
1363
1000
510
140
1568
1150
582
161
V
xNx
xKx
xPx
xQx
“Typical” value is the max nominal system voltage
to meet IEC 61557-8 and allow for operation at
115% of nominal.
Total Y-capacitance
0.2
0.2
0.9
2
1.2
1.2
4.2
6.2
4.2
4.2
14.2
14.2
uF
xNx
xKx
xPx
xQx
See “Y-Capacitors” section for more information.
If higher Y-capacitance is desired, contact Sensata
for further discussion.
Isolation Resistance Measurements
Reporting range
0
-
2720
2720
1000
272
kΩ
xNx
xKx
xPx
xQx
The SIM200 provides the total resistance value for
each HV rail, including that imposed by the SIM200
module itself, which is the upper bound for system
insulation.
Measurement resolution
-
1
-
kΩ
Measurement accuracy
-
±5
±5
±5
±3
±15
±15
±15
±5
%
xNx
xKx
xPx
xQx
Listed accuracies are achieved when system
isolation is stable and under typical operating
conditions.
Measurement update period
-
250
-
ms
Reporting of short condition
-
8
8
1.5
0.4
-
kΩ
xNx
xKx
xPx
xQx
Short condition will be reported when the isolation
resistance of one of the High Voltage rail falls below
the listed value.
Reporting of short condition – low voltage
mode
-
16
16
3
0.8
-
kΩ
xNx
xKx
xPx
xQx
Low voltage mode when battery voltage < 15 V.
Total Capacitance Measurement
Reporting range
0.2
1
-
µF
The total capacitance of the system is defined as
the sum of all Y-capacitance in the system.
Measurement resolution
-
1
-
nF
Measurement accuracy
-
±10
-
%
Typical accuracy is achieved when the system
time constant is between 0.5 s and 1.5 s and
under typical operating conditions, and capacitive
measurement uncertainty is reported <10%
confidence interval.
Measurement update period
-
250
-
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com