Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFH Datasheet(PDF) 1 Page - Comus International

Part # BFH
Description  Multi-Pole Instrumentation Reed Relays - 2 Form A, 3 Form A, 1 Form C, and 2 Form C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

BFH Datasheet(HTML) 1 Page - Comus International

  BFH Datasheet HTML 1Page - Comus International BFH Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part Number: BFH Series
Multi-Pole Instrumentation Reed Relays - 2 Form A, 3 Form A, 1 Form C, and 2 Form C
Product Data Sheet
PICTURE
FEATURES
DIMENSIONS
• Multi-pole designs 2 Form A, 3 Form A, 1 Form C (1A/1B), and 2 Form C
• High Reliability Instrumentation Grade
reed switch with
sputtered Ruthenium Form A contacts
• Optional Electrostatic or Coaxial Shield (BFH-2A & BFH-1C Only)
• High Insulation Resistance: 1012 Ω MIN (Form 2A, 3A & 1C) & 109 Ω (Form 2C)
• Metal Cover (reduces magnetic interaction)
• Industry Standard Packages
• Custom Designs Available
Drawings not to scale.
All dimensions in inches (mm) nominal.
0.810 (20.57)
0.500 (12.70)
0.700 (17.78)
1
2
3 4
BOTTOM VIEW
8
7
6 5
0.138
(3.50)
Ø 0.018
(Ø 0.45)
0.210
(5.33)
0.370
(9.40)
0.020
(0.50)
0.10
(2.54)
1
2
3
4
1
2
3
4
1 -
+ 3
4
1
2
3
4
8
7
6
5
8
7
6
5
8
7
6
5
8
5
CIRCUIT DIAGRAM (Top View)
ORDERING INFORMATION
BFH-2A
BFH-3A
BFH-1C
BFH-2C
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
BFH
05
12
2A
3A
1C*
2C
E = Electrostatic Shield (BFH-2A & BFH-1C Only)
C = Coaxial Shield (BFH-2A & BFH-1C Only)
Part Number Example: BFH-XX-XXX
BFH-2A-12E = 2 form A, 12 Volt Coil with Electrostatic Shield
NOTE: Model BFH-2A & BFH-1C, pin #6 is tied to optional electrostatic shield, pins #6 & #7 are tied to optional coaxial shield.
*1C is polarity sensitive, positive (+) voltage must be applied to coil pin #3. Break-Before-Make is not guaranteed.
Series
Form
Coil
Options
Relays
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2017 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 2 - Date: Oct/2/2017 - Signature: BR
NEW!
NEW!
1 Form C
(1A/1B) 10Watt!


Similar Part No. - BFH

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BFH ITT-BFH Datasheet
67Kb / 1P
Hermetically sealed versions of the BFR and TBF receptacle connectors.
logo
LEMO Connectors
BFH.4E.100.NAS LEMO-BFH.4E.100.NAS Datasheet
61Kb / 2P
E - Outdoor Stepped Insert
logo
Cooper Bussmann, Inc.
BFH00-1A/F COOPER-BFH00-1A/F Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
BFH00-3A/F COOPER-BFH00-3A/F Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
BFH000-1A/T COOPER-BFH000-1A/T Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - BFH

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
logo
List of Unclassifed Man...
RM737012 ETC2-RM737012 Datasheet
487Kb / 4P
2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
2 Form C configuration
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com