Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7528 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7528
Description  AM/FM car radio Front-End receiver for IF sampling tuners
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7528 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7528 Datasheet HTML 1Page - STMicroelectronics TDA7528 Datasheet HTML 2Page - STMicroelectronics TDA7528 Datasheet HTML 3Page - STMicroelectronics TDA7528 Datasheet HTML 4Page - STMicroelectronics TDA7528 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2006
Rev 1
1/5
5
TDA7528
AM/FM car radio Front-End receiver for IF sampling tuners
Feature summary
High-performance AM/FM front-end chip for if
sampling car-radio tuners
Compatible with AM (LW, MW, SW) / FM (EU,
US, JAPAN, OIRT) / WEATHER BAND / HD
radio / DRM applications
Ready for multi-tuner applications (phase
diversity, background tuner)
Image rejection FM mixer with dual input
specialized for different front-end circuits
Integrated AM preamplifier and tank for lower-
cost applications
Image rejection AM mixer
Fully integrated fractional tuning PLL with two
VCO's for diversity systems
world tuning-capable
Integrated if tank
If amplifier with agc with four inputs for
connection of up to four ceramic filters
Fully electronically adjustable
I2C /SPI controlled
Description
The TDA7528 is a frontend module for use in car
radio receivers on the 50kHz - 108MHz and
161MHz - 163 MHz frequency bands. Its field of
use includes all the current radio broadcast
services worldwide for AM radio (long, medium
and short wave), FM radio (US, European,
Japanese and OIRT bands) and US weather
band. Digital standards such as DRM and HD
radio (IBOC) can also be handled.
The system is designed to be single super-
heterodyne with an intermediate frequency of
10.7 MHz. The IF signal is digitized, filtered and
demodulated in the appropriate STA3005
backend IC.
The combination of two independently-operating
frontends with the STA3005 backend makes DDA
(Digital Directional Antenna) operation possible or
the simultaneous reception of two freely-
selectable frequencies with any combination of
types of demodulation.
The TDA7528 frontend IMR mixer has separate
input and output stages for AM frequency bands
up to 30MHz (narrowband services) and for FM
frequencies above 30MHz (broadband signals).
As an option, the AM path can be operated with
an integrated preamplifier stage and an integrated
low-pass filter to reduce interfering input signals
on the IF and image frequencies. The FM mixer
has two inputs: the more sensitive (lower noise)
input is intended for use with a low-gain, passive
pre-selection stage; the second input is intended
for use with an active preamplifier stage yielding a
high level signal calling for a higher IP3.
Order codes
LQFP64
Part number
Package
Packing
TDA7528
LQFP64
Tube
www.st.com


Similar Part No. - TDA7528

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
TDA7522 STMICROELECTRONICS-TDA7522 Datasheet
183Kb / 23P
Digital Servo & Decoder
May-1998
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7529TR STMICROELECTRONICS-TDA7529TR Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
RF front-end for AM/FM DSP car-radio with IF sampling
17-Dec-2009
More results

Similar Description - TDA7528

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
FM Front-end IC for Car Radio
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
STMicroelectronics
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
RF front-end for AM/FM-DSP car radios with IF sampling
24-Nov-2006
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
Front-end for digital-IF car radio
Rev. 01-21 February 2007
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
Front-end for digital-IF car radio
Rev. 01-10 July 2006
logo
STMicroelectronics
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
RF front-end for AM/FM DSP car-radio with IF sampling
17-Dec-2009
TDA7786 STMICROELECTRONICS-TDA7786 Datasheet
919Kb / 54P
ELITE automotive tuners for AM/FM car-radio
05-Oct-2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com