Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP400 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 9Page - Texas Instruments TMP400 Datasheet HTML 10Page - Texas Instruments TMP400 Datasheet HTML 11Page - Texas Instruments TMP400 Datasheet HTML 12Page - Texas Instruments TMP400 Datasheet HTML 13Page - Texas Instruments TMP400 Datasheet HTML 14Page - Texas Instruments TMP400 Datasheet HTML 15Page - Texas Instruments TMP400 Datasheet HTML 16Page - Texas Instruments TMP400 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
CONSECUTIVE ALERT REGISTER
SERIAL INTERFACE
SERIAL BUS ADDRESS
BUS OVERVIEW
READ/WRITE OPERATIONS
TMP400
SBOS404 – DECEMBER 2007
The value in the Consecutive Alert Register (address
The TMP400 operates only as a slave device on
22h) determines how many consecutive out-of-limit
either the Two-Wire bus or the SMBus. Connections
measurements
must
occur
on
a
measurement
to either bus are made via the open-drain I/O lines,
channel before the ALERT signal is activated. The
SDA, and SCL. The SDA and SCL pins feature
value in this register does not affect bits in the Status
integrated spike suppression filters and Schmitt
Register.
Values
of
one,
two,
three,
or
four
triggers to minimize the effects of input spikes and
consecutive
conversions
can
be
selected;
one
bus noise. The TMP400 supports the transmission
conversion
is
the
default.
This
function
allows
protocol for fast (1kHz to 400kHz) and high-speed
additional filtering for the ALERT pin. The consecutive
(1kHz
to
3.4MHz)
modes.
All
data
bytes
are
alert bits are shown in Table 8.
transmitted MSB first.
Table 8. Consecutive Alert Register
CONSECUTIVE ALERT REGISTER
To communicate with the TMP400, the master must
(READ = 22h, WRITE = 22h, POR = 01h)
first address slave devices via a slave address byte.
NUMBER OF CONSECUTIVE
The slave address byte consists of seven address
OUT-OF-LIMIT
bits, and a direction bit indicating the intent of
C2
C1
C0
MEASUREMENTS
executing a read or write operation. The address of
0
0
0
1
the TMP400 is set by the A0 and A1 pins. TMP400
0
0
1
2
addresses
and
corresponding
A0
and
A1
configurations are shown in Table 9.
0
1
1
3
1
1
1
4
Table 9. Device Addresses
(1) Note that bit 7 of the Consecutive Alert Register controls the
A0
A1
ADDRESS
enable/disable of the timeout function. See the Timeout
Function section for a description of this feature.
GND
GND
0011 000
GND
High-Z
0011 001
GND
VCC
0011 010
The TMP400 is SMBus interface-compatible. In
High-Z
GND
0101 001
SMBus protocol, the device that initiates the transfer
High-Z
High-Z
0101 010
is called a master, and the devices controlled by the
High-Z
VCC
0101 011
master are slaves. The bus must be controlled by a
VCC
GND
1001 100
master device that generates the serial clock (SCL),
controls the bus access, and generates the START
VCC
High-Z
1001 101
and STOP conditions.
VCC
VCC
1001 110
To address a specific device, a START condition is
initiated. START is indicated by pulling the data line
(SDA) from a high to low logic level while SCL is
Accessing a particular register on the TMP400 is
high. All slaves on the bus shift in the slave address
accomplished by writing the appropriate value to the
byte, with the last bit indicating whether a read or
Pointer Register. The value for the Pointer Register is
write operation is intended. During the ninth clock
the first byte transferred after the slave address byte
pulse, the slave being addressed responds to the
with the R/W bit low. Every write operation to the
master by generating an Acknowledge and pulling
TMP400 requires a value for the Pointer Register
SDA low.
(see Figure 14).
Data transfer is then initiated and sent over eight
When reading from the TMP400, the last value stored
clock pulses followed by an Acknowledge bit. During
in the Pointer Register by a write operation is used to
data transfer, SDA must remain stable while SCL is
determine which register is read by a read operation.
high, because any change in SDA while SCL is high
To change the register pointer for a read operation, a
is interpreted as a control signal.
new value must be written to the Pointer Register.
Once all data have been transferred, the master
This transaction is accomplished by issuing a slave
generates a STOP condition. STOP is indicated by
address byte with the R/W bit low, followed by the
pulling SDA from low to high, while SCL is high.
Pointer
Register
byte.
No
additional
data
are
required. The master can then generate a START
condition and send the slave address byte with the
R/W bit high to initiate the read command. See
Figure 16 for details of this sequence. If repeated
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com