Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3A Datasheet(PDF) 3 Page - HellermannTyton.

Part # MB3A
Description  Cable Ties and Fixings
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

MB3A Datasheet(HTML) 3 Page - HellermannTyton.

  MB3A Datasheet HTML 1Page - HellermannTyton. MB3A Datasheet HTML 2Page - HellermannTyton. MB3A Datasheet HTML 3Page - HellermannTyton. MB3A Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.0
25
Further information at www.HellermannTyton.com/fixings
Cable Ties and Fixings
Material Information
MATERIAL
Material
Shortcut
Operating
Temperature
Colour**
Flammability
Material
Properties*
Material
Specifications
Polyamide 6.6,
with metal particles
PA66MP
-40 °C to +85 °C,
(+105 °C, 500 h)
Blue (BU)
UL94 HB
• High yield strength
• Metal and X-Ray detectable
Polyamide 6.6 V0
PA66V0
-40 °C to +85 °C
White (WH)
UL94 V0
• High yield strength
• Low smoke emission
Polyamide 6.6 V0,
High Oxygen Index
PA66V0-HOI
-40 °C to +85 °C,
(+105 °C, 500 h)
White (WH)
UL94 V0
• High yield strength
• Low smoke emissions
Polyester
SP
-50 °C to +150 °C
Black (BK)
Halogen free
• UV-resistant
• Good chemical resistance to:
most acids, alkalis and oils
Polyetheretherketone
PEEK
-55 °C to +240 °C
Beige (BGE)
UL94 V0
• Resistance to radioactivity
• Not moisture sensitive
• Good chemical resistance to:
acids, bases, oxidizing agents
Polyethylene
PE
-40 °C to +50 °C
Black (BK),
Grey (GY)
UL94 HB
• Low moisture absorption
• Good chemical resistance to: most
acids, alcohol and oils
Polyolefin
PO
-40 °C to +90 °C
Black (BK)
UL94 V0
• Low smoke emissions
Polypropylene
PP
-40 °C to +115 °C
Black (BK),
Natural
(NA)
UL94 HB
• Floats in water
• Moderate yield strength
• Good chemical resistance to:
organic acids
Polypropylene, Ethylene-
Propylene-Dien-
Terpolymere-rubber
free of Nitrosamine
PP, EPDM
-20 °C to +95 °C
Black (BK)
UL94 HB
• Good resistance to high temperatures
• Good chemical and abrasion
resistance
Polypropylene
with metal particles
PPMP
-40 °C to +115 °C
Blue (BU)
UL94 HB
• Floats in certain liquids
• Metal and X-Ray detectable
• Heat resistant
• Moderate yield strength
• Good chemical resistance
Polyvinylchloride
PVC
-10 °C to +70 °C
Black (BK),
Natural
(NA)
UL94 V0
• Low moisture absorption
• Good chemical resistance to:
acids, ethanol and oil
Stainless Steel,
Stainless Steel
SS304,
SS316
-80 °C to +538 °C
Natural
(NA)
Non burning
• Corrosion resistant
• Antimagnetic
• Weather resistant
• Outstanding chemical resistance
Thermoplastic
Polyurethane
TPU
-40 °C to +85 °C
Black (BK)
UL94 HB
• High elasticity
• Good chemical resistance to:
acids, bases and oxidizing agents
Tefzel® is a registered trademark of DuPont. General linguistic usage for cable ties made from raw material E/TFE is Tefzel®-
Tie. In additon to Tefzel® from DuPont HellermannTyton is also using equivalent E/TFE raw material from other suppliers.
**More colours on request.
*These details are only rough guide values. They should be regarded as a material specification and are no substitute for a
suitability test. Please see our datasheets for further details.
HF = Halogenfree
LFH = Limited Fire Hazard
RoHS = Restriction of Hazardous Substances



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com