Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPL42002 Datasheet(PDF) 20 Page - Analog Devices

Part # ADPL42002
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPL42002 Datasheet HTML 14Page - Analog Devices ADPL42002 Datasheet HTML 15Page - Analog Devices ADPL42002 Datasheet HTML 16Page - Analog Devices ADPL42002 Datasheet HTML 17Page - Analog Devices ADPL42002 Datasheet HTML 18Page - Analog Devices ADPL42002 Datasheet HTML 19Page - Analog Devices ADPL42002 Datasheet HTML 20Page - Analog Devices ADPL42002 Datasheet HTML 21Page - Analog Devices ADPL42002 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
20 of 22
OUTLINE DIMENSIONS
Figure 35. 6-Lead Frame Chip Scale Package [LFCSP] 2mm x 2mm Body
and 0.55mm Package Height (CP-6-3) Dimensions shown in millimeters
Figure 36. 8-Lead Standard Small Outline Package, with Exposed Pad [SOIC_N_EP]
Narrow Body (RD-8-1) Dimensions shown in millimeters
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
6
1
4
3
0.35
0.30
0.25
BOTTOM VIE W
PIN 1 INDEX
AREA
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.05 MAX
0.02 NOM
0.65 BSC
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.10
2.00 SQ
1.90
0.15 MIN
SEATING
PLANE
PIN1
INDIC ATORAREAOPTIONS
(SEEDETAILA)
DETAIL A
(JEDEC 95)
TOP VIEW
SIDE VIEW
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.356
0.457
4.00
3.90
3.80
6.20
6.00
5.80
5.00
4.90
4.80
0.10 MAX
0.05 NOM
3.81 REF
45°
1.04 REF
8
1
4
5
1.75
1.35
1.65
1.25
2.39
2.29 SQ
2.19
0.51
0.31
0.50
0.25
1.27
0.40
0.25
0.17
COPLANARITY
0.10
1.27
BSC
BOTTOM VIEW
END VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
EXPOSED
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com