Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1762ACPZ-1.3-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1762ACPZ-1.3-R7
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1762ACPZ-1.3-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1762ACPZ-1.3-R7 Datasheet HTML 6Page - Analog Devices ADP1762ACPZ-1.3-R7 Datasheet HTML 7Page - Analog Devices ADP1762ACPZ-1.3-R7 Datasheet HTML 8Page - Analog Devices ADP1762ACPZ-1.3-R7 Datasheet HTML 9Page - Analog Devices ADP1762ACPZ-1.3-R7 Datasheet HTML 10Page - Analog Devices ADP1762ACPZ-1.3-R7 Datasheet HTML 11Page - Analog Devices ADP1762ACPZ-1.3-R7 Datasheet HTML 12Page - Analog Devices ADP1762ACPZ-1.3-R7 Datasheet HTML 13Page - Analog Devices ADP1762ACPZ-1.3-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADP1762
Data Sheet
Rev. D | Page 10 of 19
ILOAD = 200mA
ILOAD = 500mA
ILOAD = 1A
ILOAD = 2A
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 22. Power Supply Rejection Ratio (PSRR) vs. Frequency for
Various Loads, VOUT = 1.3 V, VIN = 1.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com