Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9002 Datasheet(PDF) 92 Page - Analog Devices

Part # ADRV9002
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADRV9002 Datasheet HTML 88Page - Analog Devices ADRV9002 Datasheet HTML 89Page - Analog Devices ADRV9002 Datasheet HTML 90Page - Analog Devices ADRV9002 Datasheet HTML 91Page - Analog Devices ADRV9002 Datasheet HTML 92Page - Analog Devices ADRV9002 Datasheet HTML 93Page - Analog Devices ADRV9002 Datasheet HTML 94Page - Analog Devices ADRV9002 Datasheet HTML 95Page - Analog Devices ADRV9002 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
Data Sheet
ADRV9002
THEORY OF OPERATION
analog.com
Rev. A | 92 of 100
The ADRV9002 is a highly integrated RF transceiver that can be
configured for a wide range of applications. The device integrates
all RF, mixed-signal, and digital blocks necessary to provide trans-
mit and receive functions in a single device. Programmability allows
the two receiver channels and two transmitter channels to be used
in TDD and FDD systems for mobile radio and cellular standards.
The ADRV9002 contains serial interface links that consist of LVDS
and a CMOS synchronous serial interface (CSSI). Both receiver
and transmitter channels provide a low pin count and reliable
data interface to a field-programmable gate array (FPGA) or other
integrated baseband solutions.
The ADRV9002 provides self calibration for dc offset, LO leakage,
and QEC using an integrated microcontroller core to maintain a
high performance level under varying temperatures and input signal
conditions. Firmware is supplied with the device to schedule all
calibrations with no user interaction.
TRANSMITTER
The ADRV9002 uses a direct conversion transmitter architecture
that consists of two identical and independently controlled channels
that provide all digital processing, mixed signals, PLLs, and RF
blocks necessary to implement a direct conversion system. Refer to
Figure 360 for the transmitter data path overview.
The ADRV9002 has an optional, fully programmable, 128-tap FIR.
The FIR output is sent to a series of interpolation filters that provide
additional filtering and data rate interpolation prior to reaching the
DAC. Each DAC has an adjustable sample rate and is linear up to
full scale.
The DAC output produces baseband analog signals. The I and
Q signals are first filtered to remove sampling artifacts and then
fed to the upconversion mixers. At the mixer stage, the I and Q
signals are recombined and modulated onto the carrier frequency
for transmission to the output stage. Each transmit chain provides
a wide attenuation adjustment range with fine granularity to help
designers optimize the signal-to-noise ratio (SNR).
Figure 360. Transmitter Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com