Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9318AFAG Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TC9318AFAG
Description  Single Chip DTS Microcontroller (DTS-21)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9318AFAG Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TC9318AFAG Datasheet HTML 45Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 46Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 47Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 48Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 49Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 50Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 51Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 52Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
TC9318AFAG/AFBG
2006-07-27
49
2.
MUTE Output Structure and Timing
Note 50: When POL bit = 0
Note 51: When using the phase difference output by the phase comparator, externally connect a low-pass filter
to the MUTE output.
Test Ports
These are internal ports for testing the device’s functions. Access the ports by executing the OUT1 instruction
with the operand [CN = AH] or [CN = DH], or the OUT2 instruction with the operands [CN = FFH]. The ports
are normally set to “0” by software.
If the data “1” is set to Test port bit from #0 to #3, the CPU stop function is inhibited and the data “0” is set,
the CPU function is operating.
In case of using supply voltage detection externally, set CPU stop function as inhibition.
Note 52: The ports are reset to “0” after a system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com