Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9328AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 4Page - Toshiba Semiconductor TC9328AF Datasheet HTML 5Page - Toshiba Semiconductor TC9328AF Datasheet HTML 6Page - Toshiba Semiconductor TC9328AF Datasheet HTML 7Page - Toshiba Semiconductor TC9328AF Datasheet HTML 8Page - Toshiba Semiconductor TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor TC9328AF Datasheet HTML 10Page - Toshiba Semiconductor TC9328AF Datasheet HTML 11Page - Toshiba Semiconductor TC9328AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
TC9328AF
2004-09-13
8
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
45
46
IFin1/IN1
IFin2/IN2
IF signal input
/Input port
IF signal input pin for the IF counter to
count the IF signals of the FM and AM
bands and to detect the automatic stop
position.
The input frequency is between 0.3 to
12 MHz. A built-in input amp. and C
coupling allow operation at low-level
input.
The IF counter is a 20-bit counter with
optional gate times of 1, 4, 16 and 64
ms. 20 bits of data can be readily
stored in memory. In Manual mode,
gate On/Off can be performed using
instruction.
The input pin can be programmed for
use as an input port (IN port).
Note: When a pin is set to IF input, the
input is at high impedance in PLL
Off mode or if the pins are not
used for input.
31, 50
VDD
47, 73
GND
Power-supply pins
Pins to which power is applied.
Normally, VDD = 0.9~1.8 V is applied.
For the PLL, power for the prescaller in
the programmable counter block and IF
input amp can be individually
programmed. By switching to different
modes depending on the power supply
voltage and the frequency used, current
dissipation can be lowered.
Connect a stabilizing capacitor between
the VDD pin and GND (4.7 µF, 0.01 µF
typ.).
In backup state (at execution of the
CKSTP instruction), current dissipation
drops (1
µA or less) and the power
supply voltage can be reduced to 0.75
V.
If more than 0.9 V is applied when the
pin voltage is 0, the device system is
reset and the program starts from
address “0”. (Power on reset)
Note: To operate the power on reset,
the power supply should start up
in 10~100 ms.
Note: The power-on reset function can
be enabled/disabled using the AI
switch.
VDD
RfIN2
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com