Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS-1845ASEH Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IS-1845ASEH
Description  Single Event Radiation Hardened High Speed, Current Mode PWM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IS-1845ASEH Datasheet(HTML) 2 Page - Renesas Technology Corp

  IS-1845ASEH Datasheet HTML 1Page - Renesas Technology Corp IS-1845ASEH Datasheet HTML 2Page - Renesas Technology Corp IS-1845ASEH Datasheet HTML 3Page - Renesas Technology Corp IS-1845ASEH Datasheet HTML 4Page - Renesas Technology Corp IS-1845ASEH Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IS-1845ASRH, IS-1845ASEH
FN9001 Rev.7.01
Page 2 of 4
Feb 16, 2022
Ordering Information
SMD ORDERING
NUMBER (Note 3)PART NUMBER (Note 4)
RADIATION HARDNESS
(Total Ionizing Dose)
PACKAGE DESCRIPTION
(RoHS Compliant)
PKG. DWG. #
TEMP. RANGE
5962F0150901V9A IS0-1845ASRH-Q (Note 5)
HDR to 300krad(Si)
Die
N/A
-50 to +125°C
5962F0150902V9A IS0-1845ASEH-Q (Note 5)
HDR to 300krad(Si),
LDR to 50krad(Si)
N/A
IS0-1845ASRH/SAMPLE (Notes 5, 6)N/A
5962F0150901VPC IS7-1845ASRH-Q
HDR to 300krad(Si)
8 Ld SBDIP
D8.3
5962F0150901QPC IS7-1845ASRH-8
5962F0150902VPC IS7-1845ASEH-Q
HDR to 300krad(Si),
LDR to 50krad(Si)
N/A
IS7-1845ASRH/PROTO (Note 6)N/A
5962F0150901VXC IS9-1845ASRH-Q
HDR to 300krad(Si)
18 Ld Flatpack
K18.B
5962F0150901QXC IS9-1845ASRH-8
5962F0150902VXC IS9-1845ASEH-Q
HDR to 300krad(Si),
LDR to 50krad(Si)
N/A
IS9-1845ASRH/PROTO (Note 6)N/A
NOTES:
3. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
4. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
5. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting the
electrical performance outlined in SMD.
6. The /PROTO and /SAMPLE parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended
for engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD
and are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in
the DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come
with a Certificate of Conformance because they are not DLA qualified devices.
Typical Performance Curves
FIGURE 1. OSCILLATOR FREQUENCY vs Rt and Ct
FIGURE 2. MAXIMUM DUTY CYCLE vs Rt
1
10
100
1
10
100
1k
10k
Rt TIMING RESISTANCE (kΩ)
C470pF
C1000pF
C2200pF
C4700pF
0.1
1
10
100
0
10
20
30
40
50
Rt TIMING RESISTANCE (kΩ)
DMAX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com