Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001SEHVFE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL70001SEHVFE
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHVFE Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL70001SEHVFE Datasheet HTML 3Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 4Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 5Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 6Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 7Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 8Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 9Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 10Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 7 of 23
Feb 5, 2024
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2, 27, 28, 29, 30,
37, 38, 39, 40, 47,
48
PGNDx
These pins are the power grounds associated with the corresponding internal power blocks. Connect these pins
directly to the ground plane. These pins should also connect to the negative terminals of the input and output
capacitors. Locate the input and output capacitors as close as possible to the IC.
3, 26, 31, 36, 41,
46
LXx
These pins are the outputs of the corresponding internal power blocks and should be connected to the output
filter inductor. Internally, these pins are connected to the synchronous MOSFET power switches. To minimize
voltage undershoot, it is recommended that a Schottky diode be connected from these pins to PGNDx. The
Schottky diode should be located as close as possible to the IC.
4, 5, 24, 25, 32, 33,
34, 35, 42, 43, 44,
45
PVINx
These pins are the power supply inputs to the corresponding internal power blocks. These pins must be
connected to a common power supply rail, which must fall in the range of 3V to 5.5V. Bypass these pins directly
to PGNDx with ceramic capacitors located as close as possible to the IC.
6
SYNC
This pin is the synchronization I/O for the IC. When configured as an output (Master mode), this pin drives the
SYNC input of another ISL70001SEH, ISL70001SRH. When configured as an input (Slave mode), this pin
accepts the SYNC output from another ISL70001SEH, ISL70001SRH or an external clock. Synchronization of
the slave unit is 180° out-of-phase with respect to the master unit. If synchronizing to an external clock, the
clock must be SEE hardened and the frequency must be within the range of 1MHz ±20%.
7
M/S
This pin is the Master/Slave input for selecting the direction of the bidirectional SYNC pin. For SYNC = Output
(Master mode), connect this pin to DVDD. For SYNC = Input (Slave mode), connect this pin to DGND.
8
ZAP
This pin is a trim input and is used to adjust various internal circuitry. Connect this pin to DGND.
9
TDI
This pin is the test data input of the internal BIT circuitry. Connect this pin to DGND.
10
TDO
This pin is the test data output of the internal BIT circuitry. Connect this pin to DGND.
11
PGOOD
This pin is the power-good output. This pin is an open-drain logic output that is pulled to DGND when the output
voltage is outside a ±11% typical regulation window. This pin can be pulled up to any voltage from 0V to 5.5V,
independent of the supply voltage. A nominal 1kΩ to 10kΩ pull-up resistor is recommended. Bypass this pin to
DGND with a 10nF ceramic capacitor to mitigate SEE.
12
SS
This pin is the soft-start input. Connect a ceramic capacitor from this pin to DGND to set the soft-start output
ramp time in accordance with Equation 1:
Where:
tSS = Soft-start output ramp time
CSS = Soft-start capacitor
VREF = Reference voltage (0.6V typical)
ISS = Soft-start charging current (23µA typical)
Soft-start time is adjustable from approximately 2ms to 200ms.
The range of the soft-start capacitor should be 82nF to 8.2µF, inclusive.
13, 14
DVDD
These pins are the bias supply inputs to the internal digital control circuitry. Connect these pins together at the
IC and locally filter them to DGND using a 1Ω resistor and a 1µF ceramic capacitor. Locate both filter
components as close as possible to the IC.
15, 16
DGND
These pins are the digital ground associated with the internal digital control circuitry. Connect these pins
directly to the ground plane.
17, 18
AGND
These pins are the analog ground associated with the internal analog control circuitry. Connect these pins
directly to the ground plane. Reference “Metallization Mask Layout” on page 19, pad 13 is labeled PGND and
is pin 17 on the packaged device. These 2 pads are to be connected together when using the die product.
19
AVDD
This pin is the bias supply input to the internal analog control circuitry. Locally filter this pin to AGND using a 1Ω
resistor and a 1µF ceramic capacitor. Locate both filter components as close as possible to the IC.
20
REF
This pin is the internal reference voltage output. Bypass this pin to AGND with a 220nF ceramic capacitor
located as close as possible to the IC. The bypass capacitor is needed to mitigate SEE. No current (sourcing or
sinking) is available from this pin.
tSS
CSS VREF
ISS
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com