Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001SEHFE Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL70001SEHFE
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHFE Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL70001SEHFE Datasheet HTML 5Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 6Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 7Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 8Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 9Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 10Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 11Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 12Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 9 of 23
Feb 5, 2024
Absolute Maximum Ratings
Thermal Information
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AGND + 6.5V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND - 0.3V to DGND +6.5V
LXx, PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 6.5V
AVDD - AGND, DVDD - DGND. . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.3V
Signal Pins (Note 10) . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AVDD + 0.3V
Digital Control Pins (Note 11) . . . . . . . . . . . . . DGND - 0.3V to DVDD + 0.3V
PGOOD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 6.5V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 2.5V
Absolute Maximum Ratings(Note 12)
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AGND + 5.7V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 5.7V
LXx, PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 5.7V
AVDD - AGND, DVDD - DGND. . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.3V
Signal Pins (Note 10) . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AVDD + 0.3V
Digital Control Pins (Note 11) . . . . . . . . . . . . . DGND - 0.3V to DVDD + 0.3V
PGOOD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 5.7V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 2.5V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
48 Ld CQFP R48.A (Notes 6, 8) . . . . . . . . .
36.5
3
48 Ld CQFP R48.B (Notes 7, 9) . . . . . . . . .
19
1.3
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+145°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND + 3V to 5.5V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND + 3V to 5.5V
PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx + 3V to 5.5V
AVDD - AGND, DVDD - DGND. . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.1V
Signal Pins (Note 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .AGND to AVDD
Digital Control Pins (Note 12) . . . . . . . . . . . . . . . . . . . . . . . . .DGND to DVDD
REF, SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Set
GND, TDI, TDO, TPGM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND
ILXx (TJ ≤ +145°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 1.0A
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See TB379 for details.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with direct attach features. See TB379.
8. For
JC, the “case temp” location is the center of the package underside.
9. For
JC, the “case temp” location is the center of the exposed metal heatsink on the package underside.
10. EN, FB, PORSEL and REF pins.
11. M/S, SYNC, TDI, TDO and ZAP pins.
12. For operation in a heavy ion environment tested at LET = 86.4MeV•cm2/mg with +125°C (TC).
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V;
GND = AGND = DGND = PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V,
SYNC = LXx = Open Circuit; PGOOD is pulled up to VIN with a 1kΩ resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a
100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 15). Boldface limits apply across the operating temperature range, -55°C to +125°C; over a total
iodizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total iodizing dose of 50krad(Si) with exposure at a low
dose rate of <10mrad(Si)/s.
PARAMETER
TEST CONDITIONS
MIN
(Note 16)TYP
MAX
(Note 16)UNIT
POWER SUPPLY
Operating Supply Current
VIN = 5.5V (Note 13)40
65
mA
VIN = 3.6V (Note 13)25
45
mA
Shutdown Supply Current
VIN = 5.5V, EN = GND (Note 14)6
12
mA
VIN = 3.6V, EN = GND (Note 14)3
6
mA
OUTPUT VOLTAGE
Reference Voltage Tolerance
0.594
0.600
0.606
V
Output Voltage Tolerance
VOUT = 0.8V to 2.5V for VIN = 4.5V to 5.5V,
VOUT = 0.8V to 2.5V for VIN = 3V to 3.6V,
IOUT = 0A to 6A (Notes 17, 18)
-2
0
2
%
Feedback (FB) Input Leakage Current
VIN = 5.5V, VFB = 0.6V
-1
0
1
µA
PWM CONTROL LOGIC
Oscillator Accuracy
0.85
1
1.15
MHz
External Oscillator Range
0.8
1
1.2
MHz
Minimum LXx On Time
VIN = 5.5V, Test mode
110
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com