Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC1104RVKR Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC1104RVKR
Description  1 to 4 Configurable Clock Buffer for 3D Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC1104RVKR Datasheet(HTML) 5 Page - Texas Instruments

  CDC1104RVKR Datasheet HTML 1Page - Texas Instruments CDC1104RVKR Datasheet HTML 2Page - Texas Instruments CDC1104RVKR Datasheet HTML 3Page - Texas Instruments CDC1104RVKR Datasheet HTML 4Page - Texas Instruments CDC1104RVKR Datasheet HTML 5Page - Texas Instruments CDC1104RVKR Datasheet HTML 6Page - Texas Instruments CDC1104RVKR Datasheet HTML 7Page - Texas Instruments CDC1104RVKR Datasheet HTML 8Page - Texas Instruments CDC1104RVKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDC1104
www.ti.com
SCAS921
– SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
3.8 V
Vcc-0.6
V
VOH
IOH = –8 mA
5 V
Vcc-0.4
V
3.8 V
0.40
V
VOL
IOL = 8 mA
5 V
0.40
V
Ii (CLKIN, OE, Sx)
VI = GND to 4 V
5.5 V
1
µA
ICC (Disabled)
VIO = 0 V or 5.5V, OE = Low
3.8 V to 5.5 V
0.5
2
µA
OE = 5.5 V; Sx = 0 V, 5.5 V; CLKIN = 0 V, 5.5 V
5.5 V
20
50
µA
IDD_ (Dynamic)
OE = 3.0 V; Sx = 0 V, 3.0 V; CLKIN = 0 V, 3.0 V
5.5 V
20
50
µA
OE = 1.6 V; Sx = 0 V, 1.6 V; CLKIN = 0 V, 1.6 V
5.5 V
20
50
µA
CI (CLKIN, OE, Sx) VI = VCC or GND
7
pF
SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
FROM (INPUT)
TA = –40°C to 85°C
PARAMETER
TO(OUTPUT)
UNIT
MIN
TYP
MAX
VCC
FCLKIN
Input clock frequency
120
240
Hz
FCLKOUT
Output clock frequency
FCLKIN /2
FCLKIN /2
Hz
tRISE / tFALL
Output rise/fall time
10
µs
tRISE / tFALL
Input rise/fall time
50
µs
Input Duty Cycle
Input duty cycle
49%
50%
51%
Output Duty Cycle
Output duty cycle
49%
50%
5%1
tSU
Setup time on Sx
60
µs
tH
Hold time on Sx
60
µs
tSKEW
CLKOUTx skew
10
µs
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :CDC1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com