Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC42 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC42
Description  High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC42 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC42 Datasheet HTML 1Page - Texas Instruments CD54HC42 Datasheet HTML 2Page - Texas Instruments CD54HC42 Datasheet HTML 3Page - Texas Instruments CD54HC42 Datasheet HTML 4Page - Texas Instruments CD54HC42 Datasheet HTML 5Page - Texas Instruments CD54HC42 Datasheet HTML 6Page - Texas Instruments CD54HC42 Datasheet HTML 7Page - Texas Instruments CD54HC42 Datasheet HTML 8Page - Texas Instruments CD54HC42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS133C
Features
• Buffered Inputs and Outputs
• Typical Propagation Delay: 12ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC42 and CD74HCT42 BCD-to-Decimal Decoders
utilize silicon-gate CMOS technology to achieve operating
speeds similar to LSTTL decoders with the low power
consumption of standard CMOS integrated circuits. These
devices have the capability of driving 10 LSTLL loads and
are compatible with the standard LS logic family. One of ten
outputs (low on select) is selected in accordance with the
BCD input. Non-valid BCD inputs result in none of the
outputs being selected (all outputs are high).
Pinout
CD54HC42
(CERDIP)
CD74HC42
(PDIP, SOIC)
CD74HCT42
(PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC42F3A
-55 to 125
16 Ld CERDIP
CD74HC42E
-55 to 125
16 Ld PDIP
CD74HC42M
-55 to 125
16 Ld SOIC
CD74HCT42E
-55 to 125
16 Ld PDIP
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Y0
Y1
Y2
Y3
Y4
Y5
GND
Y6
VCC
A1
A2
A3
Y9
Y8
Y7
A0
August 1997 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003 Texas Instruments Incorporated.
CD54HC42, CD74HC42,
CD74HCT42
High-Speed CMOS Logic
BCD-to-Decimal Decoders (1 of 10)
[ /Title
(CD74H
C42,
CD74H
CT42)
/Subject
(High
Speed
CMOS
Logic
BCD To
Deci-


Similar Part No. - CD54HC42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC42 TI-CD54HC42 Datasheet
261Kb / 10P
High-Speed CMOS Logic BCD-to-Decimal Decoders
CD54HC42 TI-CD54HC42 Datasheet
263Kb / 11P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
CD54HC42F3A TI-CD54HC42F3A Datasheet
261Kb / 10P
High-Speed CMOS Logic BCD-to-Decimal Decoders
CD54HC42F3A TI-CD54HC42F3A Datasheet
263Kb / 11P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
More results

Similar Description - CD54HC42

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5442A NSC-5442A Datasheet
118Kb / 6P
BCD to Decimal Decoders
logo
Texas Instruments
CD74HC42 TI-CD74HC42 Datasheet
40Kb / 6P
High Speed CMOS Logic BCD To Decimal Decoder 1 of 10
logo
Fairchild Semiconductor
DM74145 FAIRCHILD-DM74145 Datasheet
40Kb / 4P
BCD to Decimal Decoders/Drivers
logo
Texas Instruments
CD54HC42 TI-CD54HC42 Datasheet
261Kb / 10P
High-Speed CMOS Logic BCD-to-Decimal Decoders
SN74LS445 TI-SN74LS445 Datasheet
126Kb / 3P
BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DN74LS42 ETC1-DN74LS42 Datasheet
256Kb / 3P
BCD to Decimal Decoders
DN74LS445S ETC1-DN74LS445S Datasheet
283Kb / 3P
BCD to Decimal Decoders/Drivers
logo
Texas Instruments
CD74HCT42EE4 TI-CD74HCT42EE4 Datasheet
263Kb / 11P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
logo
NXP Semiconductors
74HC_HCT42_CNV PHILIPS-74HC_HCT42_CNV_15 Datasheet
46Kb / 6P
BCD to decimal decoder (1-of-10)
December 1990
logo
Texas Instruments
SN5445 TI1-SN5445_14 Datasheet
314Kb / 8P
BCD-TO-DECIMAL DECODERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com