Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC204DW Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC204DW
Description  HEX INVERTER/CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC204DW Datasheet(HTML) 3 Page - Texas Instruments

  CDC204DW Datasheet HTML 1Page - Texas Instruments CDC204DW Datasheet HTML 2Page - Texas Instruments CDC204DW Datasheet HTML 3Page - Texas Instruments CDC204DW Datasheet HTML 4Page - Texas Instruments CDC204DW Datasheet HTML 5Page - Texas Instruments CDC204DW Datasheet HTML 6Page - Texas Instruments CDC204DW Datasheet HTML 7Page - Texas Instruments CDC204DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDC204
HEX INVERTER/CLOCK DRIVER
SCAS098E – OCTOBER 1989– REVISED OCTOBER 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VCC = 4 75 V
25
°C
4.65
IOH =50 µA
VCC = 4.75 V
Full range
4.65
IOH = – 50 µA
VCC = 5 25 V
25
°C
5.15
VCC = 5.25 V
Full range
5.15
VOH
High-level voltage output
VCC = 4 75 V
25
°C
4.19
V
IOH =24 mA
VCC = 4.75 V
Full range
4.05
IOH = – 24 mA
VCC = 5 25 V
25
°C
4.68
VCC = 5.25 V
Full range
4.55
IOH = – 75 mA‡,
VCC = 5.25 V
Full range
3.6
VCC = 4 75 V
25
°C
0.1
IOL =50 µA
VCC = 4.75 V
Full range
0.1
IOL = 50 µA
VCC = 5 25 V
25
°C
0.1
VCC = 5.25 V
Full range
0.1
VOL
Low-level voltage output
VCC = 4 75 V
25
°C
0.36
V
IOL =24mA
VCC = 4.75 V
Full range
0.44
IOL = 24 mA
VCC = 5 25 V
25
°C
0.36
VCC = 5.25 V
Full range
0.44
IOL = 75 mA‡,
VCC = 5.25 V
Full range
1.65
II
Input current
VI =VCC or GND
VCC = 5 25 V
25
°C
±0.1
µA
II
Input current
VI = VCC or GND
VCC = 5.25 V
Full range
±1
µA
ICC
Supply current
VI = VCC or GND,
VCC = 5.25 V,
25
°C
4
µA
ICC
Supply current
ICC
,
IO = 0
Full range
40
µA
Ci
Input capacitance
VI = VCC or GND,
VCC = 5 V
25
°C
4
pF
† Full range is TA = 25°C to 70°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.25 V (see Note 3 and Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
Propagation delay time, low-to-high level (see Figure 1)
A
Y
3.7
5.7
ns
tPHL
Proagation delay time, high-to-low level (see Figure 1)
A
Y
2.9
5.7
ns
tsk(o)
Output skew time (see Figure 2)
A
Y
1
ns
NOTE 3: All specifications are valid only for all outputs switching simultaneously and in phase.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com