Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC319 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC319
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC319 Datasheet(HTML) 2 Page - Texas Instruments

  CDC319 Datasheet HTML 1Page - Texas Instruments CDC319 Datasheet HTML 2Page - Texas Instruments CDC319 Datasheet HTML 3Page - Texas Instruments CDC319 Datasheet HTML 4Page - Texas Instruments CDC319 Datasheet HTML 5Page - Texas Instruments CDC319 Datasheet HTML 6Page - Texas Instruments CDC319 Datasheet HTML 7Page - Texas Instruments CDC319 Datasheet HTML 8Page - Texas Instruments CDC319 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OUTPUTS
OE
A
1Y0–1Y3
2Y0–2Y3
3Y0–3Y1
L
X
Hi-Z
Hi-Z
Hi-Z
H
L
L
L
L
H
H
H†
H†
H†
† The function table assumes that all outputs are enabled via the appropriate I2C
configuration register bit. If the output is disabled via the appropriate configuration bit,
then the output is driven to a low state, regardless of the state of the A input.
logic diagram (positive logic)
1Y0–1Y3
2Y0–2Y3
3Y0 – 3Y1
OE
SDATA
SCLOCK
A
I2C
Register
Space
I2C
20
14
15
9
2, 3, 6, 7
22, 23, 26, 27
11, 18
10
/
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
1Y0–1Y3
2, 3, 6, 7
O
3.3-V SDRAM byte 0 clock outputs
2Y0–2Y3
22, 23, 26, 27
O
3.3-V SDRAM byte 1 clock outputs
3Y0–3Y1
11, 18
O
3.3-V clock outputs provided for feedback control of external PLLs (phase-locked loops)
A
9
I
Clock input
OE
20
I
Output enable. When asserted, OE puts all outputs in a high-impedance state. A nominal
140-k
Ω pullup resistor is internally integrated.
SCLOCK
15
I
I2C serial clock input. A nominal 140-k
Ω pullup resistor is internally integrated.
SDATA
14
I/O
Bidirectional I2C serial data input/output. A nominal 140-k
Ω pullup resistor is internally
integrated.
GND
4, 8, 12, 16,
17, 21, 25
Ground
VCC
1, 5, 10, 13,
19, 24, 28
3.3-V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com