Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF855 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCVF855
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCVF855 Datasheet(HTML) 3 Page - Texas Instruments

  CDCVF855 Datasheet HTML 1Page - Texas Instruments CDCVF855 Datasheet HTML 2Page - Texas Instruments CDCVF855 Datasheet HTML 3Page - Texas Instruments CDCVF855 Datasheet HTML 4Page - Texas Instruments CDCVF855 Datasheet HTML 5Page - Texas Instruments CDCVF855 Datasheet HTML 6Page - Texas Instruments CDCVF855 Datasheet HTML 7Page - Texas Instruments CDCVF855 Datasheet HTML 8Page - Texas Instruments CDCVF855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
CDCVF855
SCAS839A – APRIL 2007 – REVISED MAY 2007
Table 2. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
10
Ground for 2.5-V analog supply
AVDD
9
2.5-V analog supply
CLK, CLK
6, 7
I
Differential clock input
FBIN, FBIN
22, 23
I
Feedback differential clock input
FBOUT, FBOUT
19, 20
O
Feedback differential clock output
GND
1, 5, 14, 15, 28
Ground
PWRDWN
24
I
Output enable for Y and Y
VDDQ
4, 8, 11, 18, 21, 25
2.5-V supply
Y0, Y0
2, 3
O
Buffered output copies of input clock, CLK, CLK
Y1, Y1
12, 13
O
Buffered output copies of input clock, CLK, CLK
Y2, Y2
16, 17
O
Buffered output copies of input clock, CLK, CLK
Y3, Y3
26, 27
O
Buffered output copies of input clock, CLK, CLK
over operating free-air temperature range (unless otherwise noted) (1)
VDDQ, AVDD
Supply voltage range
0.5 V to 3.6 V
VI
Input voltage range(2)(3)
–0.5 V to VDDQ + 0.5 V
VO
Output voltage range(2)(3)
–0.5 V to VDDQ + 0.5 V
IIK
Input clamp current
VI < 0 or VI > VDDQ
±50 mA
IOK
Output clamp current
VO < 0 or VO > VDDQ
±50 mA
IO
Continuous output current
VO = 0 to VDDQ
±50 mA
IDDS
Continuous current to GND or VDDQ
±100 mA
Tstg
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
(3)
This value is limited to 3.6 V maximum.
RθJA for TSSOP Package
(1)
Airflow
High K
0 ft/min (0 m/min)
94.4
°C/W
150 ft/min (45.72 m/min)
82.8
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com