Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF855PWR.A Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCVF855PWR.A
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCVF855PWR.A Datasheet(HTML) 5 Page - Texas Instruments

  CDCVF855PWR.A Datasheet HTML 1Page - Texas Instruments CDCVF855PWR.A Datasheet HTML 2Page - Texas Instruments CDCVF855PWR.A Datasheet HTML 3Page - Texas Instruments CDCVF855PWR.A Datasheet HTML 4Page - Texas Instruments CDCVF855PWR.A Datasheet HTML 5Page - Texas Instruments CDCVF855PWR.A Datasheet HTML 6Page - Texas Instruments CDCVF855PWR.A Datasheet HTML 7Page - Texas Instruments CDCVF855PWR.A Datasheet HTML 8Page - Texas Instruments CDCVF855PWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
TIMING REQUIREMENTS
CDCVF855
SCAS839A – APRIL 2007 – REVISED MAY 2007
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
fO = 170 MHz
65
80
Without load
fO = 200 MHz
75
90
fO = 170 MHz
110
140
Differential outputs terminated
IDD
Dynamic current on VDDQ
mA
with 120
Ω, C
L = 0 pF
fO = 200 MHz
120
150
fO = 170 MHz
130
160
Differential outputs terminated
with 120
Ω, C
L = 14 pF
fO = 200 MHz
140
170
Part-to-part input capacitance
∆C
VDDQ = 2.5 V, VI = VDDQ or GND
1
pF
variation
Input capacitance difference
CI(∆)
between CLK and CLK, FBIN
VDDQ = 2.5 V, VI = VDDQ or GND
0.25
pF
and FBIN
over recommended ranges of supply voltage and operating free-air temperature
PARAMETER
MIN
MAX
UNIT
Operating clock frequency
60
220
fCLK
MHz
Application clock frequency
90
220
Input clock duty cycle
40%
60%
Stabilization time (PLL mode)(1)
10
µs
Stabilization time (bypass mode)(2)
30
ns
(1)
The time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be
obtained, a fixed-frequency, fixed-phase reference signal must be present at CLK and VDD must be applied. Until phase lock is obtained,
the specifications for propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable. This
parameter does not apply for input modulation under SSC application.
(2)
A recovery time is required when the device goes from power-down mode into bypass mode (AVDD at GND).
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com