Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD95495QVM Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD95495QVM
Description  CSD95495QVM Synchronous Buck NexFET™ Smart Power Stage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95495QVM Datasheet(HTML) 3 Page - Texas Instruments

  CSD95495QVM Datasheet HTML 1Page - Texas Instruments CSD95495QVM Datasheet HTML 2Page - Texas Instruments CSD95495QVM Datasheet HTML 3Page - Texas Instruments CSD95495QVM Datasheet HTML 4Page - Texas Instruments CSD95495QVM Datasheet HTML 5Page - Texas Instruments CSD95495QVM Datasheet HTML 6Page - Texas Instruments CSD95495QVM Datasheet HTML 7Page - Texas Instruments CSD95495QVM Datasheet HTML 8Page - Texas Instruments CSD95495QVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD95495QVM
www.ti.com
SLPS671A – JUNE 2017 – REVISED JANUARY 2018
Product Folder Links: CSD95495QVM
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
REFIN
1
External reference voltage input for current sensing amplifier.
IOUT
2
Output of current sensing amplifier. V(IOUT) – V(REFIN) is proportional to the phase current.
LSET
3
A resistor from this pin to PGND pin sets the inductor value for the internal current sensing circuitry.
VDD
4
Supply voltage for gate drivers and internal circuitry.
VOS
5
Output voltage sensing pin for the internal current sensing circuitry.
SW
6-9
Phase node connecting the HS MOSFET source and LS MOSFET drain – pin connection to the output inductor.
VIN
10-13
Input voltage pin. Connect input capacitors close to this pin.
BOOTR
14
Return path for HS gate driver. It is connected to VSW internally.
BOOT
15
Bootstrap capacitor connection. Connect a minimum 0.1-µF, 16-V, X5R ceramic cap from BOOT to BOOTR pins.
The bootstrap capacitor provides the charge to turn on the control FET. The bootstrap diode is integrated.
PWM
16
Tri-state input from external controller. Logic low sets control FET gate low and sync FET gate high. Logic high
sets control FET gate high and sync FET gate low. Both MOSFET gates are set low if PWM stays in Hi-Z for
greater than the tri-state shutdown holdoff time (t3HT).
EN/FCCM
17
This dual function pin either enables the diode emulation function or can be used as a simple enable for the
device. When this pin is driven into the tri-state window and held there for more than the tri-state holdoff time,
Diode Emulation Mode is enabled for sync FET. When the pin is high, device operates in Forced Continuous
Conduction Mode. When the pin is low, both FETs are held off. An internal resistor pulls this pin low if left
floating.
TAO/FAULT
18
Temperature Amplifier Output. Reports a voltage proportional to the IC temperature. An ORing diode is
integrated in the IC. When used in multiphase application, a single wire can be used to connect the TAO pins of
all the ICs. Only the highest temperature will be reported. TAO will be pulled up to 3.3 V if thermal shutdown,
LSOC, or HSS detection circuit is tripped.
PGND
19
Power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com