Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62002AP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TD62002AP
Description  7-channel Darlington Sink Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002AP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62002AP Datasheet HTML 1Page - Toshiba Semiconductor TD62002AP Datasheet HTML 2Page - Toshiba Semiconductor TD62002AP Datasheet HTML 3Page - Toshiba Semiconductor TD62002AP Datasheet HTML 4Page - Toshiba Semiconductor TD62002AP Datasheet HTML 5Page - Toshiba Semiconductor TD62002AP Datasheet HTML 6Page - Toshiba Semiconductor TD62002AP Datasheet HTML 7Page - Toshiba Semiconductor TD62002AP Datasheet HTML 8Page - Toshiba Semiconductor TD62002AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TD62001~004AP/AF
2006-06-13
2
Schematics (each driver)
TD62001AP/AF
TD62002AP/AF
TD62003AP/AF
TD62004AP/AF
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Output sustaining voltage
VCE (SUS)
−0.5 to 50
V
Output current
IOUT
500
mA/ch
Input voltage
VIN
(Note 1)
−0.5 to 30
V
Input current
IIN
(Note 2)
25
mA
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
500
mA
AP
1.47
Power dissipation
AF
PD
0.625
(Note 3)
W
Operating temperature
Topr
−40 to 85
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: Except TD62001AP/AF
Note 2: Only TD62001AP/AF
Note 3: When mounted on a glass-epoxy PCB (30 mm
× 30 mm × 1.6 mm, Cu area: 50%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com