Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62002AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TD62002AF
Description  7-channel Darlington Sink Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62002AF Datasheet HTML 1Page - Toshiba Semiconductor TD62002AF Datasheet HTML 2Page - Toshiba Semiconductor TD62002AF Datasheet HTML 3Page - Toshiba Semiconductor TD62002AF Datasheet HTML 4Page - Toshiba Semiconductor TD62002AF Datasheet HTML 5Page - Toshiba Semiconductor TD62002AF Datasheet HTML 6Page - Toshiba Semiconductor TD62002AF Datasheet HTML 7Page - Toshiba Semiconductor TD62002AF Datasheet HTML 8Page - Toshiba Semiconductor TD62002AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TD62001~004AP/AF
2006-06-13
1
TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62001AP,TD62001AF,TD62002AP,TD62002AF,
TD62003AP,TD62003AF,TD62004AP,TD62004AF
7-channel Darlington Sink Driver
The TD62001AP/AF Series are high-voltage, high-current
darlington drivers comprised of seven NPN darlington pairs.
All units feature integral clamp diodes for switching inductive
loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
Features
Output current (single output): 500 mA (max)
High sustaining voltage output: 50 V (min)
Output clamp diodes
Inputs compatible with various types of logic
Package type
AP: DIP-16 pin
AF: SOP-16 pin
Type
Input base resistor
Designation
TD62001AP/AF
External
General purpose
TD62002AP/AF
10.5-kΩ + 7-V
Zenner diode
14-V to 25-V PMOS
TD62003AP/AF
2.7 kΩ
TTL, 5-V CMOS
TD62004AP/AF
10.5 kΩ
6-V to 15-V PMOS,
CMOS
Pin Connection (top view)
TD62001AP, TD62002AP
TD62003AP, TD62004AP
TD62001AF, TD62002AF
TD62003AF, TD62004AF
Weight
DIP16-P-300-2.54A: 1.11 g (typ.)
SOP16-P-225-1.27: 0.16 g (typ.)


Similar Part No. - TD62002AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62002AF TOSHIBA-TD62002AF Datasheet
339Kb / 13P
7CH DARLINGTON SINK DRIVER
TD62002AF TOSHIBA-TD62002AF Datasheet
467Kb / 12P
7CH DARLINGTON SINK DRIVER
TD62002AFG TOSHIBA-TD62002AFG Datasheet
329Kb / 13P
TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62002AFG TOSHIBA-TD62002AFG Datasheet
507Kb / 15P
7-channel Darlington Sink Driver
More results

Similar Description - TD62002AF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
Integrated Circuit 7-Channel Darlington Array/Driver
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
7CH DARLINGTON SINK DRIVER
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
7-CH Darlington Sink Driver
logo
Unisonic Technologies
ULN2004 UTC-ULN2004 Datasheet
206Kb / 8P
7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
7-ch Darlington Sink Driver
TD62001APG TOSHIBA-TD62001APG_06 Datasheet
507Kb / 15P
7-channel Darlington Sink Driver
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
7-ch Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
7-channel Darlington Sink Driver
2009-10-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com