Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUAS3K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TUAS3K
Description  3A, 200V - 1000V Standard Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TUAS3K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TUAS3K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TUAS3K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TUAS3K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TUAS3K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TUAS3K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TUAS3D
– TUAS3M
Taiwan Semiconductor
1
Version: A2406
3A, 200V - 1000V Standard Surface Mount Rectifier
FEATURES
● Glass passivated chip junction
● High surge current capability
● Ideal for automated placement
● Wettable flank
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● DC to DC converter
● Switching mode converters and inverters
● General purpose
MECHANICAL DATA
● Case: TO-277A (SMPC4.6U)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.107g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
3
A
VRRM
200 - 1000
V
IFSM
100
A
TJ MAX
150
°C
Package
TO-277A (SMPC4.6U)
Configuration
Single die
TO-277A (SMPC4.6U)
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
TUAS
3D
TUAS
3G
TUAS
3J
TUAS
3K
TUAS
3M
UNIT
Marking code on the device
AS3D
AS3G
AS3J
AS3K
AS3M
Repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
140
280
420
560
700
V
Forward current
IF
3
A
Surge peak forward
current single half sine-
wave superimposed on
rated load
t = 8.3ms
IFSM
100
A
t = 1.0ms
260
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - TUAS3K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TUAS4D TSC-TUAS4D Datasheet
307Kb / 5P
4A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS4G TSC-TUAS4G Datasheet
307Kb / 5P
4A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS4J TSC-TUAS4J Datasheet
307Kb / 5P
4A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS4K TSC-TUAS4K Datasheet
307Kb / 5P
4A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS4M TSC-TUAS4M Datasheet
307Kb / 5P
4A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
More results

Similar Description - TUAS3K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S3DB-K TSC-S3DB-K Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S2D-T TS-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TS-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2D-T TSC-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TSC-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DAL TSC-S2DAL Datasheet
436Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DLSH TSC-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
S1DALH TSC-S1DALH Datasheet
430Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com