Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2292 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC2292_07 Datasheet HTML 11Page - NXP Semiconductors LPC2292_07 Datasheet HTML 12Page - NXP Semiconductors LPC2292_07 Datasheet HTML 13Page - NXP Semiconductors LPC2292_07 Datasheet HTML 14Page - NXP Semiconductors LPC2292_07 Datasheet HTML 15Page - NXP Semiconductors LPC2292_07 Datasheet HTML 16Page - NXP Semiconductors LPC2292_07 Datasheet HTML 17Page - NXP Semiconductors LPC2292_07 Datasheet HTML 18Page - NXP Semiconductors LPC2292_07 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
LPC2292_2294_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 10 December 2007
15 of 54
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
6.
Functional description
6.1 Architectural overview
The ARM7TDMI-S is a general purpose 32-bit microprocessor, which offers high
performance and very low power consumption. The ARM architecture is based on RISC
principles, and the instruction set and related decode mechanism are much simpler than
those of microprogrammed CISC. This simplicity results in a high instruction throughput
and impressive real-time interrupt response from a small and cost-effective processor
core.
Pipeline techniques are employed so that all parts of the processing and memory systems
can operate continuously. Typically, while one instruction is being executed, its successor
is being decoded, and a third instruction is being fetched from memory.
The ARM7TDMI-S processor also employs a unique architectural strategy known as
Thumb, which makes it ideally suited to high-volume applications with memory
restrictions, or applications where code density is an issue.
The key idea behind Thumb is that of a super-reduced instruction set. Essentially, the
ARM7TDMI-S processor has two instruction sets:
• The standard 32-bit ARM set
• A 16-bit Thumb set
The Thumb set’s 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining most of the ARM’s performance advantage over a
traditional 16-bit processor using 16-bit registers. This is possible because Thumb code
operates on the same 32-bit register set as ARM code.
Thumb code is able to provide up to 65 % of the code size of ARM, and 160 % of the
performance of an equivalent ARM processor connected to a 16-bit memory system.
6.2 On-chip flash program memory
The LPC2292/2294 incorporate a 256 kB flash memory system respectively. This memory
may be used for both code and data storage. Programming of the flash memory may be
accomplished in several ways. It may be programmed In System via the serial port. The
application program may also erase and/or program the flash while the application is
running, allowing a great degree of flexibility for data storage field firmware upgrades, etc.
When the on-chip bootloader is used, 248 kB of flash memory is available for user code.
The LPC2292/2294 flash memory provides a minimum of 100000 erase/write cycles and
20 years of data retention.
On-chip bootloader (as of revision 1.60) provides Code Read Protection (CRP) for the
LPC2292/2294 on-chip flash memory. When the CRP is enabled, the JTAG debug port,
external memory boot and ISP commands accessing either the on-chip RAM or flash
memory are disabled. However, the ISP flash erase command can be executed at any
time (no matter whether the CRP is on or off). Removal of CRP is achieved by erasure of
full on-chip user flash. With the CRP off, full access to the chip via the JTAG and/or ISP is
restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com