Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL72027ASEHF Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL72027ASEHF
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEHF Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL72027ASEHF Datasheet HTML 13Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 14Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 15Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 16Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 17Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 18Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 19Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 20Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
FN8862 Rev.1.00
Page 17 of 27
Jul 27, 2017
ISL72027ASEH
3. Typical Performance Curves
Figure 36. Transmitter Rise and Fall Times vs
Temperature at Slow Speed
Figure 37. Driver Output Current vs Differential Output
Voltage
Figure 38. Driver Output Current vs Short-Circuit
Voltage vs Temperature
Figure 39. Driver Output Current vs Short-Circuit
Voltage vs Temperature
VCC = 3.3V, CL = 15pF, TA = +25°C; unless otherwise specified. (Continued)
TEMPERATURE (°C)
0
100
200
300
400
500
600
-55
-35
-15
5
25
45
65
85
105
125
RS = 50kΩ, RDIFF = 60Ω
RISE, VCC = 3.6V
FALL, VCC = 3V
RISE, VCC = 3V
FALL, VCC = 3.6V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
DIFFERENTIAL OUTPUT VOLTAGE (V)
3.3
+85 °C
RD = 20Ω
+25 °C
+125 °C
RD = 30Ω
RD = 60Ω
RD = 120Ω
-150
-100
-50
0
50
100
150
-20
-15
-10
-5.0
0
5.0
10
15
20
BUS VOLTAGE (V)
VCC = 3V, D = GND
CANL
CANH
+25 °C
+125 °C
-55 °C
-55 °C
+25 °C
+125 °C
BUS VOLTAGE (V)
-200
-150
-100
-50
0
50
100
150
-20
-15
-10
-5.0
0
5.0
10
15
20
VCC = 3.6V, D = GND
CANL
CANH
-55 °C
+25 °C
+25 °C
+125 °C
+25 °C
-55 °C
+125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com