Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4508C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4508C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 16Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 17Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Fault-Protected, High-Voltage Single 8-to-1/
Dual 4-to-1 Multiplexers with Output Clamps
_______________________________________________________________________________________
15
Chip Topography
SUBSTRATE IS INTERNALLY CONNECTED TO V+
0.198"
(5.03mm)
0.086"
(2.18mm)
V-
N01
N02
N03
N04
N08
COM
N07
N.C.
N06
N05
V+
GND
EN
A0
A1 A2
*Contact factory for dice specifications.
**Contact factory for availability.
+Denotes a lead-free package.
Ordering Information (continued)
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX4509CSE+
0°C to +70°C
16 Narrow SO
S16-8
MAX4509CPE+
0°C to +70°C
16 Plastic DIP
P16-4
MAX4509C/D
0°C to +70°C
Dice*
—
MAX4509ESE+
-40°C to +85°C 16 Narrow SO
S16-8
MAX4509EPE+
-40°C to +85°C 16 Plastic DIP
P16-4
MAX4509MJE
-40°C to +85°C 16 CERDIP**
J16-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com