Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6530 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6530
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6530 Datasheet HTML 1Page - Monolithic Power Systems MP6530 Datasheet HTML 2Page - Monolithic Power Systems MP6530 Datasheet HTML 3Page - Monolithic Power Systems MP6530 Datasheet HTML 4Page - Monolithic Power Systems MP6530 Datasheet HTML 5Page - Monolithic Power Systems MP6530 Datasheet HTML 6Page - Monolithic Power Systems MP6530 Datasheet HTML 7Page - Monolithic Power Systems MP6530 Datasheet HTML 8Page - Monolithic Power Systems MP6530 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP6530–5V TO 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6530 Rev. 1.13
www.MonolithicPower.com
4
8/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
5
60
V
Quiescent current
I
Q
nSLEEP = 1, gate not
switching
0.95
2
mA
I
SLEEP
nSLEEP = 0
1
µA
Control Logic
Input l
ogic ‘low’ threshold
VIL
0.8
V
Input l
ogic ‘high’ threshold
VIH
2
V
Logic input current
IIN(H)
VIH = 5V
-20
20
µA
IIN(L)
VIL = 0.8V
-20
20
µA
nSLEEP pull-down current
ISLEEP-PD
1
µA
Internal pull-down resistance
R
PD
All logic inputs except nSLEEP
880
k
Ω
nFAULT Output (Open-Drain Output)
Output low voltage
VOL
IO = 5mA
0.5
V
Output high leakage current
IOH
VO = 3.3V
1
µA
Protection Circuits
UVLO rising threshold
V
IN_RISE
3.3
3.9
4.5
V
UVLO hysteresis
V
IN_HYS
200
mV
VREG rising threshold
V
REG_RISE
6.8
7.6
8.4
V
VREG hysteresis
V
REG_HYS
0.54
1
V
VREG start-up delay
tREG
700
µs
Short-Circuit Threshold
Accuracy (MOSFET VDS)
VSC
VOC = 1V, TJ =25°C
0.8
1
1.2
V
VOC = 2.4V, TJ =25°C
2.18
2.4
2.62
V
OCP deglitch time
tOC
3
µs
SLEEP wakeup time
tSLEEP
1
ms
LSS OCP threshold
VLSS-OCP
0.4
0.5
0.6
V
Thermal shutdown
TTSD
150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com