Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1453CPWR.A Datasheet(PDF) 3 Page - Texas Instruments

Part # TL1453CPWR.A
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1453CPWR.A Datasheet(HTML) 3 Page - Texas Instruments

  TL1453CPWR.A Datasheet HTML 1Page - Texas Instruments TL1453CPWR.A Datasheet HTML 2Page - Texas Instruments TL1453CPWR.A Datasheet HTML 3Page - Texas Instruments TL1453CPWR.A Datasheet HTML 4Page - Texas Instruments TL1453CPWR.A Datasheet HTML 5Page - Texas Instruments TL1453CPWR.A Datasheet HTML 6Page - Texas Instruments TL1453CPWR.A Datasheet HTML 7Page - Texas Instruments TL1453CPWR.A Datasheet HTML 8Page - Texas Instruments TL1453CPWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TL1453C
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS039A – FEBRUARY 1990 – REVISED DECEMBER 1990
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
f = 200 kHz (unless otherwise noted) (continued)
undervoltage lockout section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Upper threshold voltage (pin 9)
IOref = 0.1 mA, TA = 25°C
2.72
V
Lower threshold voltage (pin 9)
IOref = 0.1 mA, TA = 25°C
2.6
V
Hysteresis (pin 9)
IOref = 0.1 mA, TA = 25°C
80
120
mV
oscillator section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Frequency
CT = 330 pF, RT = 10 kΩ
200
kHz
Standard deviation of frequency
VCC, TA, RT, CT values are constant
10%
Frequency change with voltage
VCC = 3.6 V to 40 V
1%
Frequency change with temperature
TA = –20°C to 25°C
– 0.4%
±2%
Frequency change with tem erature
TA = 25°C to 85°C
– 0.2%
±2%
dead-time control section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input bias current (pins 6 and 11)
1
µA
Input threshold voltage at f
10kHz (pins 6 and 11)
Zero duty cycle
2.05
2.25
V
Input threshold voltage at f = 10kHz (pins 6 and 11)
Maximum duty cycle
1.2
1.45
V
error-amplifier section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input offset voltage
VO (pins 5 and 12) = 1.25 V
±6
mV
Input offset current
VO (pins 5 and 12) = 1.25 V
±100
nA
Input bias current
VO (pins 5 and 12) = 1.25 V
160
500
nA
1.05
Common-mode input voltage range
VCC = 3.6 V to 40 V
1.05
to
V
gg
CC
1.45
Open-loop voltage amplification
RF = 200 kΩ
70
80
dB
Unity-gain bandwidth
1.5
MHz
Common-mode rejection ratio
60
80
dB
Positive output voltage swing
Vref – 0.1
V
Negative output voltage swing
1
V
Output (sink) current (pins 5 and 12)
VID = – 0.1 V, VO = 1.25 V
0.5
1.6
mA
Output (source) current (pins 5 and 12)
VID = 0.1 V,
VO = 1.25 V
–45
–70
µA
output section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Collector off state current
VCC = 0, VO = 50 V
10
µA
Collector off-state current
VO = 50 V
10
µA
Output saturation voltage
IO = 10 mA
1.2
2
V
Short-circuit output current
VO = 6 V
90
mA
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com