Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL430CLP Datasheet(PDF) 2 Page - Texas Instruments

Part # TL430CLP
Description  ADJUSTABLE SHUNT REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL430CLP Datasheet(HTML) 2 Page - Texas Instruments

  TL430CLP Datasheet HTML 1Page - Texas Instruments TL430CLP Datasheet HTML 2Page - Texas Instruments TL430CLP Datasheet HTML 3Page - Texas Instruments TL430CLP Datasheet HTML 4Page - Texas Instruments TL430CLP Datasheet HTML 5Page - Texas Instruments TL430CLP Datasheet HTML 6Page - Texas Instruments TL430CLP Datasheet HTML 7Page - Texas Instruments TL430CLP Datasheet HTML 8Page - Texas Instruments TL430CLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TL430
ADJUSTABLE SHUNT REGULATORS
SLVS050D − JUNE 1976 − REVISED JANUARY 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Regulator voltage (see Note 1)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous regulator current
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3)
140
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the anode terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VZ
Regulator voltage
Vref
30
V
IZ
Regulator current
2
100
mA
TA
Operating free-air temperature range
TL430C
0
70
°C
electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST
TEST CONDITIONS
TL430C
UNIT
PARAMETER
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(ref)
Reference input voltage
1
VZ = VI(ref),
IZ = 10 mA
2.5
2.75
3
V
αVI(ref)
Temperature coefficient of reference input
voltage
1
VZ = VI(ref),
TA = 0°C to 70°C
IZ = 10 mA,
120
ppm/
°C
II(ref)
Reference input current
2
IZ = 10 mA,
R2 =
∞
R1 = 10 k
Ω,
3
10
µA
IZK
Regulator current near lower knee of
regulation range
1
VZ = VI(ref)
0.5
2
mA
IZK
Regulator current at maximum
1
VZ = VI(ref)
50
mA
IZK
Regulator current at maximum
limit of regulation range
2
VZ = 5 V to 30 V,
See Note 4
100
mA
rz
Differential regulator resistance
(see Note 5)
1
VZ = VI(ref),
∆IZ = (52 − 2) mA
1.5
3
Ω
VZ = 3 V
50
Vn
Noise voltage
2
f = 0.1 Hz to 10 Hz
VZ = 12 V
200
µV
Vn
Noise voltage
2
f = 0.1 Hz to 10 Hz
VZ = 30 V
650
µV
NOTES:
4. The average power dissipation, VZ • IZ • duty cycle, must not exceed the maximum continuous rating in any 10-ms interval.
5. The regulator resistance for VZ > VI(ref), rz, is given by:
rz + rz 1 )
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com