Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL441MNSREP Datasheet(PDF) 13 Page - Texas Instruments

Part # TL441MNSREP
Description  LOGARITHMIC AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL441MNSREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL441MNSREP Datasheet HTML 9Page - Texas Instruments TL441MNSREP Datasheet HTML 10Page - Texas Instruments TL441MNSREP Datasheet HTML 11Page - Texas Instruments TL441MNSREP Datasheet HTML 12Page - Texas Instruments TL441MNSREP Datasheet HTML 13Page - Texas Instruments TL441MNSREP Datasheet HTML 14Page - Texas Instruments TL441MNSREP Datasheet HTML 15Page - Texas Instruments TL441MNSREP Datasheet HTML 16Page - Texas Instruments TL441MNSREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Z
Z
A1
A2
Y
Y
B1
B2
TL441
A1
A2
Y
Y
1/2
TL441
Input
A
Input
B
see
Note A
OUTPUT W
(see Note B)
RR
R
R
R
R
R
RR
R
+
−
+
−
+
−
+
−
+
−
NOTES: A. Connections shown are for multiplication. For division, Z and Z connections are reversed.
B. Output W may need to be amplified to give actual product or quotient of A and B.
C. R designates resistors of equal value, typically 2 k
Ω to 10 kΩ.
Multiplication: W = A
• B ⇒ log W = log A + log B, or W = a(logaA + logaB)
Division: W = A/B
⇒ log W = log A − log B, or W = a(logaA + logaB)
Figure 15. Multiplication or Division
Input
A
A1
A2
Y
Y
1/2
TL441
Z
Z
B1
B2
Output
W
1/2
TL441
RR
R
nR
R
nR
R
R
−
+
+
−
+
−
−
+
NOTE: R designates resistors of equal value, typically 2 k
Ω to 10 kΩ. The power to which the input variable is raised is fixed by setting nR.
Output W may need to be amplified to give the correct value.
Exponential: W = An
⇒ log W = n log A, or W = a(n loga A)
Figure 16. Raising a Variable to a Fixed Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com