Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL441AMJB.A Datasheet(PDF) 6 Page - Texas Instruments

Part # TL441AMJB.A
Description  LOGARITHMIC AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL441AMJB.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL441AMJB.A Datasheet HTML 2Page - Texas Instruments TL441AMJB.A Datasheet HTML 3Page - Texas Instruments TL441AMJB.A Datasheet HTML 4Page - Texas Instruments TL441AMJB.A Datasheet HTML 5Page - Texas Instruments TL441AMJB.A Datasheet HTML 6Page - Texas Instruments TL441AMJB.A Datasheet HTML 7Page - Texas Instruments TL441AMJB.A Datasheet HTML 8Page - Texas Instruments TL441AMJB.A Datasheet HTML 9Page - Texas Instruments TL441AMJB.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TL441AM
LOGARITHMIC AMPLIFIER
SLFS038 – JUNE 1976 – REVISED FEBRUARY 1989
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
0
5
10
15
20
25
VCC
± = ±6 V
TA = 25°C
See Figure 4, outputs
loaded symmetrically
CL – Load Capacitance – pF
OUTPUT RISE TIME
vs
LOAD CAPACITANCE
Figure 9
TA – Free-Air Temperature – °C
– 75 – 50 – 25
0
25
50
75
100
125
VCC
± = ±6 V
See Figure 3
200
180
160
140
120
100
80
60
40
20
0
POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com