Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC552C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC552C
Description  DUAL LINCMOSE TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC552C Datasheet(HTML) 3 Page - Texas Instruments

  TLC552C Datasheet HTML 1Page - Texas Instruments TLC552C Datasheet HTML 2Page - Texas Instruments TLC552C Datasheet HTML 3Page - Texas Instruments TLC552C Datasheet HTML 4Page - Texas Instruments TLC552C Datasheet HTML 5Page - Texas Instruments TLC552C Datasheet HTML 6Page - Texas Instruments TLC552C Datasheet HTML 7Page - Texas Instruments TLC552C Datasheet HTML 8Page - Texas Instruments TLC552C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLC552C
DUAL LINCMOS
™ TIMER
SLFS046 – FEBRUARY 1984 – REVISED MAY 1988
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 1 V
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
Threshold voltage level
25
°C
0.475
0.67
0.85
V
Threshold voltage level
Full range
0.45
0.875
V
Threshold current
25
°C
10
pA
Threshold current
MAX
75
pA
Trigger voltage level
25
°C
0.15
0.33
0.425
V
Trigger voltage level
Full range
0.1
1.45
V
Trigger current
25
°C
10
pA
Trigger current
MAX
75
pA
Reset voltage level
25
°C
0.4
0.7
1
V
Reset voltage level
Full range
0.3
1
V
Reset current
25
°C
10
pA
Reset current
MAX
75
pA
Control voltage (open-circuit) as a percentage of supply voltage
MAX
66.7%
Discharge switch on state voltage
IOL = 100 µA
25
°C
0.02
0.15
V
Discharge switch on-state voltage
IOL = 100 µA
Full range
0.2
V
Discharge switch off state current
25
°C
0.1
nA
Discharge switch off-state current
MAX
0.5
nA
Low level output voltage
IOL = 100 µA
25
°C
0.03
0.2
V
Low-level output voltage
IOL = 100 µA
Full range
0.25
V
High level output voltage
IOH =10 µA
25
°C
0.6
0.98
V
High-level output voltage
IOH = – 10 µA
Full range
0.6
V
Supply current
25
°C
30
200
µA
Supply current
Full range
300
µA
† Full range (MIN to MAX) is 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com