Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWFD2J125JC Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # ECWFD2J125JC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2J125JC Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button ECWFD2J125JC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2J125JC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2J125JC Datasheet HTML 13Page - Panasonic Semiconductor ECWFD2J125JC Datasheet HTML 14Page - Panasonic Semiconductor ECWFD2J125JC Datasheet HTML 15Page - Panasonic Semiconductor ECWFD2J125JC Datasheet HTML 16Page - Panasonic Semiconductor ECWFD2J125JC Datasheet HTML 17Page - Panasonic Semiconductor ECWFD2J125JC Datasheet HTML 18Page - Panasonic Semiconductor ECWFD2J125JC Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Matters to Be Observed When Using This Product
■ The heat-resistant temperature of a capacitor varies
depending on the type of a dielectric film used and on
the structure and manufacturing method of the capacitor.
When mounting the capacitor on a board, set the mounting
temperature such that the internal temperature of the
capacitor (see the figure on the right) is equal to or lower
than the mounting heat-resistant temperature listed in the
following table.
When a capacitor is sent through a high-temperature atmosphere after being subjected to the (flow) soldering process,
check the mounting temperature including the temperature of the capacitor in the high-temperature atmosphere.
■ Set temperature conditions for soldering within the ranges
shown in the graph on the right (make sure to confirm that the
set temperature conditions are equal to or lower than the mounting
heat-resistant temperature because temperature conditions vary
significantly depending on the equipment structure).
Carry out no more than two soldering cycles and in such a way
that the second soldering cycle is only carried out after the
capacitor temperature returns to a normal temperature following
the end of the first cycle.
<Condition example>
■ Since the mounting heat-resistant temperature of the capacitor is low, avoid running the capacitor through an adhesive
curing oven for fixing chip components. In the oven, the capacitor is exposed to heat higher than the mounting
heat-resistant temperature, which causes the dielectric film to thermally shrink, thus causing a short failure.
■ When a film capacitor is used with chip components, mount the film capacitor and solder it after the adhesive has cured.
■ Do not perform reflow soldering for the capacitor. During reflow soldering, if heat higher than the mounting
heat-resistant temperature is applied to the capacitor, it could damage the exterior resin and impair the capacitor
characteristics.
23-Apr-25
Capacitor body
There is a certain type of capacitor that must be lifted
upward from the printed board.
(processed product)
Preheating
At 120 ℃ or less for 1 minute or less
(the preheating time and final temperature reached
around the land on the back of the board)
Polyester-based
ECQE(F)
―
120 ℃
ECQE(B), ECQE(T), ECQUL, ECQUG
160 ℃
―
ECWFD 450 V
135 ℃
―
ECQUA, ECWFE 450 V
125 ℃
―
ECWF(L) 400 V / 0.12 μF to 2.4 μF,
ECWF(L) 630 V / 0.047 μF to 1.3 μF,
ECWFE 630 V, ECWFG 600 to 1100 V, ECWFJ 800 V, 1100 V
145 ℃
125 ℃
ECWH(A), ECWH(V), ECWFD 630 V
135 ℃
125 ℃
  Mounting conditions (lead-type) * Target capacitors: ECQE, ECWF, ECWH, and ECQU
Printed circuit board
Board thickness of 0.8 mm or more
ECWH(C)
140 ℃
125 ℃
Dielectric material
Type
Mounting heat-resistant temperature (peak value)
Measurement position A Measurement position B
Polypropylene-
based
ECWF(L) 400 V / 0.022 μF to 0.11 μF,
ECWF(L) 630 V / 0.01 μF to 0.043 μF, ECWF(A)
135 ℃
125 ℃
Metal
Capacitor
Thermocouple (ø 0.1)
(measurement position A: metal-sprayed part)
Thermocouple (ø 0.1)
(measurement position B: capacitor element interior)
Solder iron
Solder dipping
400
380
360
340
320
300
280
260
240
220
0 1 2 3 4 5 6 7 8
Soldering time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com