Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT4X Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 8Page - Sensirion AG Switzerland SHT4X Datasheet HTML 9Page - Sensirion AG Switzerland SHT4X Datasheet HTML 10Page - Sensirion AG Switzerland SHT4X Datasheet HTML 11Page - Sensirion AG Switzerland SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland SHT4X Datasheet HTML 13Page - Sensirion AG Switzerland SHT4X Datasheet HTML 14Page - Sensirion AG Switzerland SHT4X Datasheet HTML 15Page - Sensirion AG Switzerland SHT4X Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.sensirion.com / D1
Version 2
– July 2021
12/17
supply has to be strong enough to avoid large voltage drops that could provoke a sensor
reset.
If higher heating temperatures are desired, consecutive heating commands have to be sent to the
sensor. The heater shall only be operated in ambient temperatures below 65°C else it could drive
the sensor outside of its maximal operating temperature.
5 Physical Specification
5.1 Package Description
SHT4x is provided in an open-cavity dual flat no lead (DFN) package. The humidity sensor opening
is centered on the top side of the package. The sensor chip is made of silicon, hosted on a copper
lead frame and overmolded by an epoxy-based mold compound. Exposed bottom side of the
leadframe with the metallic contacts is Ni/Pd/Au coated, side walls are bare copper.
Moisture sensitivity level (MSL) of 1 according to IPC/JEDEC J-STD-020 is achieved. It is
recommended to process the sensors within one year after date of delivery.
5.2 Package Outline
Figure 9 Dimensional drawing of SHT4x including package tolerances (units mm).
5.3 Land Pattern
The land pattern is recommended to be designed according to the used PCB and soldering process
together with the physical outer dimensions of the sensor. For reference, the land pattern used with
Sensirion’s PCBs and soldering processes is given in Figure 10.
Soldering of the central die pad is optional. Sensirion recommends to not solder the central die pad
because the sensor can reach higher temperatures upon heater activation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com