Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0ALC Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ALC
Description  Electric Vehicle Power Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ALC Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ALC Datasheet HTML 1Page - Bel Fuse Inc. 0ALC Datasheet HTML 2Page - Bel Fuse Inc. 0ALC Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 0ALC
Electric Vehicle Power Fuses
belfuse.com/circuit-protection
0ALC
RoHS Compliant
Features
- DC fuse for EV/HEV/ESS
- Stud-mount / Through hole, optional for other installation
- Excellent DC performance
- Reliability performance design refer to ISO8820-8&GB/T31465.6
- Designed to UL248-20
- Fully compliance with EU Directive 2011/65/EU and amending directive 2015/863
Physical Specifications
Ratings
Electrical Specifications
Part Number
Ampere
Rating
Voltage and Interrupting
Ratings
Typical Pre-Arcing I²t
(A²Sec)**
Power Loss@0.5In
(W)
0ALCx9500-xx
50A
See Table of Ratings on Page
1 for Voltage and associated
Interrupting Ratings
2000
1.6
0ALCx9600-xx
60A
3600
1.65
0ALCx9700-xx
70A
5800
1.8
0ALCx9800-xx
80A
12500
2
Consult manufacturer for other ratings
**Typical Pre-arcing I²t are measured at 10In Current.
Materials
Body : Ceramic
Cap : Silver Plated copper
Marking
On Fuse :
“bel”, "Current Rating", “Voltage Rating”
On Label :
"bel", "0ALCX
”, "Current Rating", "Voltage Rating", "Interrupting Rating",
and "
", "
"(China RoHS compliant).
Ampere Rating /
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
50A-80A /800V DC
50A-80A / 800V @ 50KA DC
*I.R.=DC Interrupting Rating
Specifications subject to change without notice


Similar Part No. - 0ALC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALA BEL-0ALA Datasheet
387Kb / 3P
Fast Acting fuse for DC Application
May2024
0ALABK150-BA BEL-0ALABK150-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK160-BA BEL-0ALABK160-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK200-BA BEL-0ALABK200-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results

Similar Description - 0ALC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
Construction Equipment Electric Vehicle
logo
Willow Technologies Ltd
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
Electric Vehicle Contactor
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
electric vehicle relay
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
0AKL BEL-0AKL Datasheet
433Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com