Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1035L Datasheet(PDF) 21 Page - Qorvo, Inc

Part # QPD1035L
Description  40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1035L Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button QPD1035L Datasheet HTML 13Page - Qorvo, Inc QPD1035L Datasheet HTML 14Page - Qorvo, Inc QPD1035L Datasheet HTML 15Page - Qorvo, Inc QPD1035L Datasheet HTML 16Page - Qorvo, Inc QPD1035L Datasheet HTML 17Page - Qorvo, Inc QPD1035L Datasheet HTML 18Page - Qorvo, Inc QPD1035L Datasheet HTML 19Page - Qorvo, Inc QPD1035L Datasheet HTML 20Page - Qorvo, Inc QPD1035L Datasheet HTML 21Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
QPD1035L
40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor
Data Sheet Rev. A, May 2024 | Subject to change without notice
21 of 21
www.qorvo.com
®
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
Class 0B (125V)
ANSI/ESDA/JEDEC Standard JS-001
ESD – Charged Device Model (CDM)
Class C3 (1000V)
ANSI/ESDA/JEDEC Standard JS-002
MSL – Moisture Sensitivity Level
MSL3
IPC/JEDEC Standard J-STD-020
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information. THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED
HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER
EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE,
INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2024 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.
Solderability
Compatible with both lead-free (260°C max. reflow temp.) and tin/lead (245°C max. reflow temp.) soldering processes.
Solder profiles available upon request.
The use of no-clean solder to avoid washing after soldering is recommended.
Contact plating: NiAu. Minimum Au thickness is 60 µinches.
RoHS Compliance
This part is compliant with 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment) as amended by Directive 2015/863/EU.
This product also has the following attributes:
• Lead Free
• Halogen Free (Chlorine, Bromine)
• Antimony Free
• TBBP-A (C15H12Br402) Free
• PFOS Free
• SVHC Free
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Pb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com