Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U.FL-R-SMT-160 Datasheet(PDF) 6 Page - Hirose Electric

Part # U.FL-R-SMT-160
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-160 Datasheet(HTML) 6 Page - Hirose Electric

Back Button U.FL-R-SMT-160 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 9Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
■Conversion Adapters
●SMA Conversion Adapter
(Mating portion: U.FL side jack - SMA side plug)
Note : The U.FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
■Receptacle to Inspection
This receptacle is used for inspecting the continuity, withstand
voltage, and other aspects of the harness product.
Note : Part No. U.FL-LP-N-2 for U.FL-LP-040HF/066HF/088HF/068HF.
Part No. U.FL-LP(V)-N-2 for U.FL-LP(V)-040HF/U.FL-LP-062HF.
Plug Extraction Tool
This tool is used for extraction from a mating condition.
Plug Insertion Tool
This tool is for mating U.FL series plug into receptacle.
●SMA Conversion Adapter
(Mating portion: U.FL side plug - SMA side jack)
Note : The U.FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
●SMA Conversion Adapter
(Mating portion: U.FL side plug - SMA side jack)
Note : This connector is used by compressing the mated
portion of U.FL side onto the U.FL-R-SMT-1 portion.
(10.7)
8HEX
14.05
1/4-36UNS-2A
6
5.6
(4.05)
(18.6)
1/4-36UNS-2A
6
5.5
(4)
12.9
5
7HEX
M5∞0.5
1
(7.9)
(4.4)
U.FL
MARKING
U.FL
U.FL/V
(90)
50
(12.9)
For distinction with
W.FL-LP-IN.
Part No.
HRS No.
HRMP-U.FLJ(40)
311-0300-2 40
Part No.
HRS No.
HRMJ-U.FLP(40)
311-0301-5 40
Part No.
HRS No.
HRMJ-U.FLP-ST1(40)
311-0385-5 40
Part No.
HRS No.
U.FL-R-1
331-0466-0
Part No.
HRS No.
U.FL-LP-N-2
331-0494-5
U.FL-LP(V)-N-2
331-0493-2
Part No.
HRS No.
U.FL-LP-IN
331-0334-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com