Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U.FL-R-SMT-180 Datasheet(PDF) 5 Page - Hirose Electric

Part # U.FL-R-SMT-180
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-180 Datasheet(HTML) 5 Page - Hirose Electric

  U.FL-R-SMT-180 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
How To Specify Cable Assembly
[Double-ended cable assembly]
[Single-ended cable assembly]
U.FL
●Product Number Structure
●Standard tolerances for (L)
L
L
Ordering information
1
2LP
2
HF6
3
04N
4
TV
6
L
7
「」
5
--
-
-
A
Double-
Ended
U.FL
1
LP
2
HF6
3
04N
4
TV
6
L
7
「」
5
--
-
-
A
Single-
Ended
Used plug : U.FL-LP(V)-040HF(06)
U.FL-LP-040HF(Dia.0.81mm)
U.FL
1
2LP
2
HF6
3
068N
4
T
6
L
7
「」
5
--
-
-
A
Double-
Ended
U.FL
1
LP
2
HF6
3
068N
4
T
6
L
7
「」
5
--
-
-
A
Single-
Ended
Used plug : U.FL-LP-068HF(Dia.1.13mm)
U.FL
1
2LP
2
HF6
3
066N
4
L
6
「」
5
--
-
-
A
Double-
Ended
U.FL
1
LP
2
HF6
3
066N
4
L
6
「」
5
--
-
-
A
Single-
Ended
Used plug : U.FL-LP-066HF(Dia.1.32mm)
U.FL
1
2LP
2
HF6
3
062N
4
D
6
L
7
「」
5
--
-
-
A
Double-
Ended
U.FL
1
LP
2
HF6
3
062N
4
D
6
L
7
「」
5
--
-
-
A
Single-
Ended
Used plug : U.FL-LP-062HF(06)(Dia.0.95mm)
U.FL
1
2LP
2
HF6
3
088N
4
T
6
L
7
「」
5
--
-
-
A
Double-
Ended
U.FL
1
LP
2
HF6
3
088N
4
T
6
L
7
「」
5
--
-
-
A
Single-
Ended
Used plug : U.FL-LP-088HF(06)(Dia.1.37mm)
q Series name
U.FL, UFL
w Assembly type
LP : Single ended LPV : Plug(V) Single ended
2, 2LP : Double ended 2LPV plug(V) Double ended
e Environmental
compliant
HF6 : Halogen-free
r Cable type
04N : Dia.0.81mm Ultra-fine coaxial cable
t Cable color
1 : White, 2 : Black
y Cable outer
conductor
TV : Tin plated braided wire
u Total length(mm)
Length(L)
q Series name
U.FL, UFL
w Assembly type
LP : Single ended
2, 2LP : Double ended
e Environmental
compliant
HF6 : Halogen-free
r Cable type
068Y :
Dia.1.13mm Ultra-fine coaxial cable
068N :
t Cable color
1 : Gray, 2 : Black
y Cable outer
conductor
T : Tin plated braided wire
u Total length(mm)
Length(L)
q Series name
U.FL, UFL
w Assembly type
LP : Single ended
2, 2LP : Double ended
e Environmental
compliant
HF6 : Halogen-free
r Cable type
066N : Dia.1.32mm Ultra-fine coaxial cable
t Cable color
1 : Gray, 2 : Black
y Total length(mm)
Length(L)
q Series name
U.FL, UFL
w Assembly type
LP : Single ended
2, 2LP : Double ended
e Environmental
compliant
HF6 : Halogen-free
r Cable type
062N : Dia.0.95mm Ultra-fine coaxial cable
t Cable color
1 : Gray, 2 : Black
y Cable outer
conductor
D : Copper tape + Tin plated braided
wire
u Total length(mm)
Length(L)
q Series name
U.FL, UFL
w Assembly type
LP : Single ended
2, 2LP : Double ended
e Environmental
compliant
HF6 : Halogen-free
r Cable type
088Y :
Dia.1.37mm Ultra-fine coaxial cable
088N :
t Cable color
1 : Gray, 2 : Black
y Cable outer
conductor
T : Tin plated braided wire
PD : Copper tape + Tin plated braided wire
u Total length(mm)
Length(L)
(L)(mm)
Standard Tolera(mm)
*L=35 to 200
±4
L=200 to 500
±8
L=500 to 1000
±12
L=Longer than 1000
±1.5% of (L)
Note : Minimum available length(L) is 35mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com