Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH10752JVC Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECWH10752JVC
Description  Plastic Film Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10752JVC Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECWH10752JVC Datasheet HTML 1Page - Panasonic Semiconductor ECWH10752JVC Datasheet HTML 2Page - Panasonic Semiconductor ECWH10752JVC Datasheet HTML 3Page - Panasonic Semiconductor ECWH10752JVC Datasheet HTML 4Page - Panasonic Semiconductor ECWH10752JVC Datasheet HTML 5Page - Panasonic Semiconductor ECWH10752JVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH10752JVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH10752JVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH10752JVC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ECWH(V) series
■ Rated voltage [DC]:1600 V, Capacitance tolerance:±3 %(H), ±5 %(J)
*
□:Capacitance tolerance code
()
:Suffix for lead crimped or taped type
ECWH16682
□V( )
ECWH16752
□V( )
ECWH16822
□V( )
ECWH16103
□V( )
ECWH16133
□V( )
ECWH16302
□V( )
ECWH16332
□V( )
ECWH16392
□V( )
ECWH16432
□V( )
ECWH16472
□V( )
ECWH16512
□V( )
−
ECWH16333
□V( )
ECWH16393
□V( )
ECWH16433
□V( )
ECWH16473
□V( )
ECWH16513
□V( )
ECWH16563
□V( )
ECWH16163
□V( )
ECWH16183
□V( )
ECWH16203
□V( )
ECWH16243
□V( )
ECWH16273
□V( )
ECWH16303
□V( )
0.039
0.043
0.047
0.051
0.056
0.030
0.033
29.5
22.0
22.5
23.5
ECWH16152
□V( )
ECWH16162
□V( )
ECWH16202
□V( )
ECWH16222
□V( )
ECWH16272
□V( )
0.018
0.020
0.024
0.027
0.0068
0.0075
0.0082
0.010
0.013
0.016
0.0033
0.0039
0.0043
0.0047
0.0051
0.0062
0.0015
0.0016
0.0020
0.0027
0.003
28.0
28.0
28.0
28.0
28.0
23.0
23.0
23.0
28.0
28.0
28.0
23.0
23.0
23.0
23.0
23.0
18.0
18.0
18.0
18.0
23.0
23.0
13.5
14.5
15.0
15.5
16.0
18.0
18.0
18.0
18.0
18.0
10.5
11.0
10.0
10.5
11.0
11.5
7.0
7.5
7.5
8.0
9.0
10.0
7.5
7.0
6.5
6.5
7.0
6.5
7.0
7.0
6.5
7.0
7.5
14.0
14.5
14.0
14.0
14.5
15.0
20.5
13.5
13.5
14.0
13.5
14.0
15.0
15.5
15.5
16.0
14.0
24.0
24.5
19.5
20.0
21.0
21.5
25.0
25.0
24.5
23.5
16.5
17.5
15.0
20.0
20.0
20.0
20.0
25.0
25.0
20.0
20.0
20.0
15.0
10.0
15.0
15.0
15.0
15.0
17.5
17.5
17.5
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
15.0
0.8
0.8
15.0
15.0
10.0
0.8
300
400
500
400
500
400
500
25.0
17.5
0.8
0.8
17.5
0.8
25.0
17.5
25.0
17.5
0.8
25.0
25.0
17.5
0.8
20.0
15.0
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
25.0
17.5
0.8
27.0
ECWH16363
□V( )
0.036
28.0
12.5
21.5
26.5
0.8
0.8
17.5
17.5
25.0
25.0
25.0
27.5
28.5
29.0
ECWH16153
□V( )
0.015
23.0
9.5
18.0
23.0
20.0
15.0
22.5
ECWH16223
□V( )
0.022
28.0
9.5
18.0
23.0
15.0
24.5
20.0
15.0
23.5
20.0
25.5
18.5
ECWH16123
□V( )
0.012
23.0
9.0
17.0
22.0
ECWH16113
□V( )
0.011
23.0
8.5
17.0
22.0
19.5
20.0
18.5
19.5
20.0
28.0
0.8
ECWH16912
□V( )
0.0091
23.0
8.0
16.0
21.0
20.0
15.0
0.8
0.8
0.8
0.8
15.0
0.8
20.5
20.0
15.0
15.0
0.8
20.5
20.0
0.8
20.0
20.0
ECWH16562
□V( )
0.0056
23.0
6.5
15.0
20.0
23.0
ECWH16622
□V( )
0.8
10.0
0.8
19.5
20.0
15.0
10.0
0.8
19.0
15.0
0.8
19.0
15.0
ECWH16362
□V( )
0.0036
18.0
7.0
13.5
18.5
7.0
0.8
10.0
0.8
19.0
15.0
10.0
15.0
10.0
0.8
19.0
15.0
0.0022
10.0
0.8
18.5
15.0
10.0
0.8
0.8
10.0
0.8
19.0
15.0
10.0
10.0
15.0
18.5
19.0
15.0
15.0
0.8
Crimped
lead
ECWH16132
□V( )
0.0013
18.0
6.5
13.0
18.0
15.0
10.0
18.5
500
ECWH16182
□V( )
0.0018
18.0
7.0
ECWH16242
□V( )
0.0024
18.0
7.0
13.5
18.5
Rating · Dimensions · Quantity
Part No.
Capaci-
tance
(μF)
Dimensions (mm)
Min. order Q'ty (PCS)
L
max.
T
max.
H max.
F
S
ød
Taping
Bulk
Straight
Crimped
lead
Straight
Crimped
lead
7.5 mm Straight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com