Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-SMHT Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-SMHT
Description  MF-SMHT Series - PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SMHT Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-SMHT Datasheet HTML 1Page - Bourns Electronic Solutions MF-SMHT Datasheet HTML 2Page - Bourns Electronic Solutions MF-SMHT Datasheet HTML 3Page - Bourns Electronic Solutions MF-SMHT Datasheet HTML 4Page - Bourns Electronic Solutions MF-SMHT Datasheet HTML 5Page - Bourns Electronic Solutions MF-SMHT Datasheet HTML 6Page - Bourns Electronic Solutions MF-SMHT Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MF-SMHT Series - PTC Resettable Fuses
Applications
n
Protection of various automotive circuitries
n
Overcurrent surge protection of electronic equipment operated in elevated temperatures
n
Resettable fault protection of general electronic equipment
n
Communication and security systems
n
Body electronics
n
Climate control systems
Product Dimensions
Model
A
B
C
D
E
F
G
H
Min.
Max.
Max.
Max.
Min.
Max.
Min.
Max
Min.
Max.
Min.
Max.
Min.
MF-SMHT136
6.73
(0.265)
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
0.56
(0.022)
0.71
(0.028)
0.56
(0.022)
0.71
(0.028)
2.16
(0.085)
2.41
(0.095)
0.66
(0.026)
1.37
(0.054)
0.43
(0.017)
MF-SMHT160
8.00
(0.315)
9.50
(0.374)
3.00
(0.118)
6.71
(0.264)
0.56
(0.022)
0.71
(0.028)
0.56
(0.022)
0.71
(0.028)
3.68
(0.145)
3.94
(0.155)
0.66
(0.026)
1.37
(0.054)
0.43
(0.017)
MF-SMHT300
8.00
(0.315)
9.50
(0.374)
3.00
(0.118)
6.71
(0.264)
0.56
(0.022)
0.71
(0.028)
0.56
(0.022)
0.71
(0.028)
3.68
(0.145)
3.94
(0.155)
0.66
(0.026)
1.37
(0.054)
0.43
(0.017)
A
D
H
F
E
C
End View
Side View
G
B
A
D
H
F
E
C
End View
Side View
G
B
Terminal material:
Tin-plated brass
10.7 ± 0.1
(0.42 ± 0.004)
4.6 ± 0.1
(0.18 ± 0.004)
2.3 ± 0.1
(0.09 ± 0.004)
2.3 ± 0.1
(0.09 ± 0.004)
9.7 ± 0.1
(0.38 ± 0.004)
3.1 ± 0.1
(0.12 ± 0.004)
3.1 ± 0.1
(0.12 ± 0.004)
Recommended Pad Layout
MF-SMHT136
4.6 ± 0.1
(0.18 ± 0.004)
Recommended Pad Layout
MF-SMHT160 and MF-SMHT300
10.7 ± 0.1
(0.42 ± 0.004)
4.6 ± 0.1
(0.18 ± 0.004)
2.3 ± 0.1
(0.09 ± 0.004)
2.3 ± 0.1
(0.09 ± 0.004)
9.7 ± 0.1
(0.38 ± 0.004)
3.1 ± 0.1
(0.12 ± 0.004)
3.1 ± 0.1
(0.12 ± 0.004)
Recommended Pad Layout
MF-SMHT136
4.6 ± 0.1
(0.18 ± 0.004)
Recommended Pad Layout
MF-SMHT160 and MF-SMHT300
Typical Part Marking
Represents total content. Layout may vary.
MANUFACTURER’S
TRADEMARK
PART
IDENTIFICATION
136
4A
DATE CODE -
WEEK 1 OF 2004 = 4A
(YEAR & WEEK)
WEEK 27 OF 2004 = A4
(WEEK & YEAR)
How to Order
MF - SMHT 136 - 2
Multifuse® Product
Designator
Series
SMHT = Surface Mount
High Temperature Component
Hold Current, Ihold
136 - 300 (1.36 - 3.0 Amps)
Packaging Options
- 2 = Tape and Reel packaged per EIA-481
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
MF-SMHT136 = 2,000 pcs. per reel
MF-SMHT160 = 1,500 pcs. per reel
MF-SMHT300 = 1,500 pcs. per reel
Packaging Quantity
Thermal Derating Chart - Ihold/Itrip (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
125 °C
MF-SMHT136 1.91 / 3.82 1.72 / 3.44 1.54 / 3.08 1.36 / 2.72 1.18 / 2.36 1.09 / 2.18 1.00 / 2.00 0.91 / 1.82 0.77 / 1.54 0.40 / 0.80
MF-SMHT160 2.15 / 4.30 1.96 / 3.92 1.78 / 3.56 1.60 / 3.20 1.42 / 2.84 1.33 / 2.66 1.24 / 2.48 1.15 / 3.30 1.02 / 2.04 0.64 / 1.28
MF-SMHT300 4.23 / 8.46 3.84 / 7.68 3.48 / 6.96 3.00 / 6.00 2.73 / 5.46 2.52 / 5.04 2.34 / 4.68 2.16 / 4.32 1.86 / 3.72 1.11 / 2.22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com