Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

520M Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 520M
Description  RS-485 Modbus RTU Interface to 8 Isolated Inputs / 8 High-Current Form C Relay Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

520M Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  520M Datasheet HTML 1Page - Sealevel Systems, Inc. 520M Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
RS-485 Modbus RTU Interface to 8 Isolated Inputs / 8 High-Current Form C Relay Outputs
Part: 520M | Model: SeaI/O-520M
Features
• RS-485 Modbus RTU interface
• 8 optically isolated inputs
• 8 SPDT high-current Form C relays
• Removable screw terminals simplify field wiring
• Input power via terminal block or modular connector
• DIN rail or table mount
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems
Specifications
Family
SeaI/O
Contact Current AC
6A max.
Contact Current DC
30 VDC @ 5A max
Contact Operate Time
10ms max.
Contact Release Time
10ms max.
Contact Voltage
250VAC30VDC
Digital I/O
Form C Relay Outputs, Isolated Inputs
Dimensions
7.5 (L) x 5.1 (W) x 1.3 (H)
Extended Temperature
Call for Options
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Input Isolation
300V
Input Range
5-30 VDC
Host Interface(s)
RS-485
Number of Inputs/
Outputs
8 Inputs 8 Outputs
Operating Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
8/8
Power Requirement
9-30 VDC @ 3.5W
RoHS Compliant
Yes
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
Switching Capacity
5 VDC @ 100mA min.
sealevel.com
+1 864.843.4343
SL9609 G22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com