Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UX511QS Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1UX511QS
Description  Holder-less Type IR Detecting Unit for Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UX511QS Datasheet(HTML) 5 Page - Sharp Corporation

  GP1UX511QS Datasheet HTML 1Page - Sharp Corporation GP1UX511QS Datasheet HTML 2Page - Sharp Corporation GP1UX511QS Datasheet HTML 3Page - Sharp Corporation GP1UX511QS Datasheet HTML 4Page - Sharp Corporation GP1UX511QS Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Sheet No.: OP06012
9. There is a possibility that noise on output may be caused by environmental condition (Disturbing light noise, Electromagnetic
noise, Power supply line noise, etc.) even if there is no input transmission signal.
10. Please shall confirm operation or your actual machine. Because the output pulse width of this product is fluctuated by
environmental conditions such as signal format, temperature, distance from transmitter, and so on.
11. In case that this product is kept in high humidity condition, it may be hard to solder, please be careful enough about storage
method.
Depend on the flux you select, there are different solderabilities, so please select a suitable flux and use it.
12. This product dose`t correspond to soldering by reflow.
13. Please make sure in case pf hand soldering that yue the solder iron with less than 45W power and solder iron point(edge)
temperature is less than 320℃ within 3 seconds,and also don't add any force to lead frame directly.And please make sure never
to touch 2nd mold resin by a solding.
GP1UX51QS Series
14. When using this device,please be careful not to cause dew drop.
Be aware that the dew drop rusts lead pins portion and others, may affect the electric characteristics.
15. The lead flame may be deformed since the device is packed in vinyl bag.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com