Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB8447L Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDB8447L
Description  40V N-Channel PowerTrench® MOSFET 40V, 50A, 8.5mΩ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDB8447L Datasheet(HTML) 2 Page - ON Semiconductor

  FDB8447L Datasheet HTML 1Page - ON Semiconductor FDB8447L Datasheet HTML 2Page - ON Semiconductor FDB8447L Datasheet HTML 3Page - ON Semiconductor FDB8447L Datasheet HTML 4Page - ON Semiconductor FDB8447L Datasheet HTML 5Page - ON Semiconductor FDB8447L Datasheet HTML 6Page - ON Semiconductor FDB8447L Datasheet HTML 7Page - ON Semiconductor FDB8447L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
February 2007
©2007 Fairchild Semiconductor Corporation
FDB8447L Rev.C
www.fairchildsemi.com
1
FDB8447L
40V N-Channel PowerTrench® MOSFET
40V, 50A, 8.5m
Ω
Features
Max rDS(on) = 8.5mΩ at VGS = 10V, ID = 14A
Max rDS(on) = 11mΩ at VGS = 4.5V, ID = 11A
Fast Switching
RoHS Compliant
General Description
This N-Channel MOSFET has been produced using Fairchild
Semiconductor’s proprietary PowerTrench® technology to
deliver low rDS(on) and optimized BVDSS capability to offer
superior performance benefit in the application.
Application
Inverter
Power Supplies
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC= 25°C
50
A
-Continuous (Silicon limited)
TC= 25°C
(Note 1)
66
-Continuous
TA= 25°C
(Note 1a)
15
-Pulsed
100
EAS
Drain-Source Avalanche Energy
(Note 3)
153
mJ
PD
Power Dissipation
TC= 25°C
60
W
Power Dissipation
(Note 1a)
3.1
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
2.1
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
40
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDB8447L
FDB8447L
TO-263AB
330mm
24mm
800 units
D
G
S
D
G
S
TO-263AB
FDB Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com