Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRH1106 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLRH1106
Description  Panel Circuit Indicator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH1106 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLRH1106 Datasheet HTML 1Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 2Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 3Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 4Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 5Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 6Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 7Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 8Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TL(RH,RMH,SH,OH,YH,GH)1106(T11)
2006-07-07
1
TOSHIBA LED Lamps
TLRH1106(T11), TLRMH1106(T11), TLSH1106(T11),
TLOH1106(T11), TLYH1106(T11) , TLGH1106(T11)
Panel Circuit Indicator
• Surface-mount devices
• 3.2 (L) × 2.8 (W) × 1.9 (H) mm
• Flat-top type
• InGaAℓP LEDs
• High luminous intensity
• Low drive current, high-intensity light emission
• Colors: red, orange, yellow, green
• Pb-free reflow soldering is possible
• Applications: automotive use,
message signboards, backlighting etc.
• Standard embossed tape packing: T11 (2000/reel)
8-mm tape reel
Color and Material
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-3T1
Weight: 0.035 g (typ.)
Product Name
Color
Material
TLRH1106
Red
TLRMH1106
Red
TLSH1106
Red
TLOH1106
Orange
TLYH1106
Yellow
TLGH1106
Green
InGaAℓP


Similar Part No. - TLRH1106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH1100 TOSHIBA-TLRH1100 Datasheet
371Kb / 10P
PANEL CIRCUIT INDICATOR
TLRH1100B TOSHIBA-TLRH1100B Datasheet
292Kb / 13P
Panel Circuit Indicator
TLRH1100T09 TOSHIBA-TLRH1100T09 Datasheet
371Kb / 10P
PANEL CIRCUIT INDICATOR
TLRH1102 TOSHIBA-TLRH1102 Datasheet
292Kb / 6P
SMT LEDs
logo
Marktech Corporate
TLRH1102B MARKTECH-TLRH1102B Datasheet
364Kb / 13P
Panel Circuit Indicator
More results

Similar Description - TLRH1106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLOH190P TOSHIBA-TLOH190P_06 Datasheet
167Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com