Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSU268GF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSU268GF
Description  LED Lamps for mounting on through-hole PCB using an automatic insertion machine
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSU268GF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSU268GF Datasheet HTML 1Page - Toshiba Semiconductor TLSU268GF Datasheet HTML 2Page - Toshiba Semiconductor TLSU268GF Datasheet HTML 3Page - Toshiba Semiconductor TLSU268GF Datasheet HTML 4Page - Toshiba Semiconductor TLSU268GF Datasheet HTML 5Page - Toshiba Semiconductor TLSU268GF Datasheet HTML 6Page - Toshiba Semiconductor TLSU268GF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLSU268G(F),TLRME68TG(F),TLYE68TG(F),TLGE68TG(F)
2007-10-01
2
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
Δλ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLSU268G(F)
623
(636)
17
20
47.6
130
20
2.0
2.4
20
50
4
TLRME68TG(F)
626
(636)
23
20
85
330
20
2.0
2.4
20
50
4
TLYE68TG(F)
587
(590)
17
20
85
340
20
2.0
2.4
20
50
4
TLGE68TG(F)
571
(574)
17
20
47.6
155
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Precautions
• These LED lamps made of
P
InGaAl will also emit some IR light. If a photodetector is located near an LED
lamp, please ensure that it will not be affected by this IR light.
• Manual soldering should be performed within 3 s at a maximum temperature of 300°C or 5 s at a maximum
temperature of 260°C.
• When forming the leads, bend each lead without applying any forming stress. Soldering must be performed
after the leads have been formed.
Mounting Precautions Using an Automatic Insertion Machine
(1) These newly designed LED lamps are intended for mounting on both through-hole PCBs by means of an
automatic mounting machine. Compared to conventional
φ3-mm LED lamps, they are less prone to the effects
of stress during automatic mounting (such as mechanical stress within the package resin transmitted via the
leads). This reduced mechanical stress results in a lower incidence of damage to the package resin and lower
emission failure rates. If one of these lamps is subjected to excessive stress, however, the resin part may break
or the lamp may be damaged in such a way that it will not emit light.
Please take the following precautions when mounting these devices.
•
Toshiba recommends the use of a 0.9-mm PCB hole diameter. However, this recommendation is subject to
the type of automatic mounting machine used, the board material and the way in which the board
material has been processed. Please evaluate the mounting process carefully before actually using the
automatic mounting machine to mount these LED lamps.
The use of PCB holes with a diameter larger than 0.9 mm may result in increased stress when soldering
is performed (depending on the lead cutting shape and the clinching method), and devices may easily be
malfunction.
•
The insertion pressure and clinching angle must both be minimized so as to minimize the lead-cutting
stress and clinch stress applied to the LED lamps.
•
Soldering Conditions
Preheating
Soldering Flow
Temperature
120~150°C
No more than 260°C
Time
Within 60 seconds
Within 5 seconds
(2) Precautions when using Panasert radial-Taping automatic mounting machine:
Two-lead LED lamps are suitable for mounting using an anvil due to its movable-blade structure.
When using three-lead type, please take the following precautions.
•
Synchronize the strokes of the two movable blades to one another as closely as possible.
•
Adjust the timings of the movable blades so as to minimize the difference between them. In addition, do
not set the anvil in such a way that the anvil’s center blade will pull the leads, as this will result in
excessive mechanical stress to the LED lamps, which might damage them.
•
Avoid any blade which is defective or which shows signs of excessive wear.
* For using other than Panasert, please refer to the specifications for the automatic mounting machine
which is to be used.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com