Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T20060 Datasheet(PDF) 4 Page - JOKARI GmbH & Co. KG

Part # T20060
Description  PRODUCT SPECIFICATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOKARI [JOKARI GmbH & Co. KG]
Direct Link  https://jokari.de/
Logo JOKARI - JOKARI GmbH & Co. KG

T20060 Datasheet(HTML) 4 Page - JOKARI GmbH & Co. KG

  T20060 Datasheet HTML 1Page - JOKARI GmbH & Co. KG T20060 Datasheet HTML 2Page - JOKARI GmbH & Co. KG T20060 Datasheet HTML 3Page - JOKARI GmbH & Co. KG T20060 Datasheet HTML 4Page - JOKARI GmbH & Co. KG T20060 Datasheet HTML 5Page - JOKARI GmbH & Co. KG T20060 Datasheet HTML 6Page - JOKARI GmbH & Co. KG T20060 Datasheet HTML 7Page - JOKARI GmbH & Co. KG T20060 Datasheet HTML 8Page - JOKARI GmbH & Co. KG T20060 Datasheet HTML 9Page - JOKARI GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright Carl Kammerling International Ltd
20050
Fibreglass-reinforced polyamide construction for
high strength and light weight.
Ergonomically designed for fatigue free, repetitive
stripping.
Stripping length scale for consistent results.
Designed for solid & stranded wires.
Automatic wire size adjustment for convenience.
Integrated wire cutter up to 2,5 mm²
Working Range 0,2
– 6 mm²
20060
Fibreglass-reinforced polyamide construction for
high strength and light weight.
Ergonomically designed for fatigue free, repetitive
stripping.
Stripping length scale for consistent results.
Designed for solid & stranded wires.
Automatic wire size adjustment for convenience.
Integrated wire cutter up to 2,5 mm²
Working Range 0,5
– 6 mm²
20090
Fibreglass-reinforced polyamide construction for
high strength and light weight.
Ergonomically designed for fatigue free, repetitive
stripping.
Stripping length scale for consistent results.
Designed for larger diameter wire and 3-core PVC
flex.
Automatic cable size adjustment for convenience.
Working Range 6 - 16 mm²
20050
20060
20090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com